Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1695 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1695
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1695 Datasheet HTML 9Page - Linear Technology LTC1695 Datasheet HTML 10Page - Linear Technology LTC1695 Datasheet HTML 11Page - Linear Technology LTC1695 Datasheet HTML 12Page - Linear Technology LTC1695 Datasheet HTML 13Page - Linear Technology LTC1695 Datasheet HTML 14Page - Linear Technology LTC1695 Datasheet HTML 15Page - Linear Technology LTC1695 Datasheet HTML 16Page - Linear Technology LTC1695 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC1695
13
Linear Regulator Loop Compensation
The LTC1695’s linear regulator approach is a simple and
practical scheme for fan speed control featuring a wide and
linear dynamic range. It also introduces less noise into the
system supply rail, compared with a PWM scheme (fixed
frequency, variable duty cycle), switching regulator topol-
ogy or simple ON-OFF control.
The LTC1695 linear regulator feedback loop requires a
capacitor at its output to stabilize the loop over the output
voltage and load current range. The output capacitor value
and the capacitor’s ESR value are critical in stabilizing the
LTC1695 feedback loop.
A
≥1µFgeneralpurpose,lowtomediumESR(0.1Ωto5Ω)
tantalum or aluminium electrolytic capacitor is sufficient
for most applications. These capacitor types offer a low-
cost advantage, particularly for fan speed control applica-
tions. As the output capacitance value increases, stability
improves. A typical 4.7
µF, 1Ω ESR surface mount tanta-
lum capacitor is recommended for the optimum transient
response and frequency stability across temperature, VOUT
and ILOAD. Refer to the load transient response waveforms
in the Typical Performance Characteristics section.
The selection of the capacitor for COUT must be evaluated
by the user for temperature variation of the capacitance
and ESR value and the voltage coefficient of the capacitor
value. For example, the ESR of aluminium electrolytic
capacitors can increase dramatically at cold temperature.
Therefore, the regulator may be stable at room tempera-
ture but oscillate at cold temperature. Ceramic capacitors
with Z5U and Y5 dielectrics provide high capacitance
values in a small package, but exhibit strong voltage and
temperature coefficients (–80% in some cases). In addi-
tion, the ESR of surface mount ceramic capacitors is too
low (<0.1
Ω) to provide adequate phase-lead in the feed-
back loop for stability.
Fan Load and CLOAD
Referring to Figure 4, CLOAD varies greatly depending on
the type of fan used. The simplest, inexpensive fans
contain no protection circuitry and input capacitance is on
the order of 200pF. More expensive fans generally incor-
porate a series-diode for reverse protection and input
DAC
The LTC1695 uses a 128-segment resistor ladder to
implement the monotonic 6-bit voltage DAC (Figure 3).
Guaranteeing monotonicity (no missing codes) permits
the use of the LTC1695 in thermal feedback control
applications. As the typical application uses a 5V supply
for VCC, the reference for the 6-bit DAC is VCC. LTC
recommends a 10
µF or greater tantalum capacitor to
bypass VCC. Users must account for the variation in the
DAC’s output absolute accuracy as VCCvaries. VCC voltage
should not exceed the absolute maximum rating of 7V or
drop below the typical 2.8V undervoltage lockout thresh-
old (UVLO) during normal operation.
The LTC1695’s DAC specifications (INL, DNL, VOS) ac-
count for the offset and gain errors of the linear regulator
with respect to ILOAD. Consult the Definitions section for
more details.
The worst-case condition occurs if the LTC1695 P-chan-
nel pass transistor enters dropout at full-scale VOUT and
ILOAD.Full-scale VOUT (VFS) is 4.922V with VCC = 5V. In this
condition, loop gain drops and gain error increases. The
LTC1695 is designed for monotonicity up to VFS with DNL
and INL less than 0.75 LSB. Refer to the Electrical Char-
acteristics and Typical Performance Characteristics for
more information.
Figure 3. Ladder DAC
64 RESISTOR
VOLTAGE TABS
720
SWITCHES
VCC
GND
REFERENCE
OP AMP
“000000” = 0V
“111111” = 0.984 • VCC/2
6
SMBus
COMMAND
D5 to D0
VCC/2
1695 • F03
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com