Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SB80 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # D2SB80
Description  Single-phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

D2SB80 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  D2SB80 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd D2SB80 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线 Characteristic Curves
10
100
02
5
20
50
0
100
120
80
60
30
20
8.3mS
8.3mS
1 Cycle
non-repetitive
Tj=25℃ before
VF Instantaneous Forward Voltage (V)
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
通过电流的周期
正向电压 VF(V)
浪涌特性曲线(最大值)
正向电流降额曲线
正向特性曲线(典型值)
FORWARD CURRENT DERATING CURVE
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON REPETITIVE
大昌电子
DACHANG ELECTRONICS
D2SB20......D2SB80
0
40
80
120
160
0
1.0
2.0
0.5
1.5
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1
10
Pulse measurement
per diode
Tl=25℃
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com