Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB152S Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # DB152S
Description  Surface Mount Bridge-Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DB152S Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  DB152S Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DB152S Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
50
1.5
1.1
25
反向电压
50---1000V
正向电流
1. 5A
V
μA
pF
IR
Cj
最大正向电压
IF = 1.5A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
℃
/W
℃
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 50 to 1000V
Forward Current
1.5 A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
RθJA
TC =100℃
典型结电容
VR = 4.0V, f = 1MHz
DB151S
50
50
35
10
500
TA = 125℃
DB151S ...... DB157S
SIYU R
DB152S DB153S DB154S DB155S DB156S DB157S
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
Unit:inch(mm)
DBS
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·高温焊接保证High tempererature soldering guaranteed:
260℃/10 秒 260℃/10 seconds
·高电流浪涌承受能力
High surge current Capability
·引线和管体皆符合RoHS标准。
Lead and body according with RoHS standard
DB151S DB152S DB153S DB154S DB155S DB156S DB157S
Surface Mount Bridge-Rectifier
表面安装桥式整流器


Similar Part No. - DB152S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB152S RECTRON-DB152S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB152S DCCOM-DB152S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB152S FORMOSA-DB152S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB152S BILIN-DB152S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB152S YANGJIE-DB152S Datasheet
263Kb / 2P
SINGLE PHASE 1.5AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB152S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
Surface Mount Bridge Rectifier
19-Aug-13
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
Surface Mount Bridge Rectifier
logo
Shanghai Leiditech Elec...
MB105F-S LEIDITECH-MB105F-S Datasheet
729Kb / 3P
Surface mount bridge rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com