Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1703 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1703
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1703 Datasheet HTML 17Page - Linear Technology LTC1703 Datasheet HTML 18Page - Linear Technology LTC1703 Datasheet HTML 19Page - Linear Technology LTC1703 Datasheet HTML 20Page - Linear Technology LTC1703 Datasheet HTML 21Page - Linear Technology LTC1703 Datasheet HTML 22Page - Linear Technology LTC1703 Datasheet HTML 23Page - Linear Technology LTC1703 Datasheet HTML 24Page - Linear Technology LTC1703 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
LTC1703
FEEDBACK LOOP/COMPENSATION1
Feedback Loop Types
In a typical LTC1703 circuit, the feedback loop consists of
the modulator, the external inductor and output capacitor,
and the feedback amplifier and its compensation network.
All of these components affect loop behavior and need to
be accounted for in the loop compensation. The modulator
consists of the internal PWM generator, the output MOSFET
drivers and the external MOSFETs themselves. From a
feedback loop point of view, it looks like a linear voltage
transfer function from COMP to SW and has a gain roughly
equal to the input voltage. It has fairly benign AC behavior
at typical loop compensation frequencies with significant
phase shift appearing at half the switching frequency.
The external inductor/output capacitor combination makes
a more significant contribution to loop behavior. These
components cause a second order LC roll-off at the
output, with the attendant 180
° phase shift. This roll-off is
what filters the PWM waveform, resulting in the desired
DC output voltage, but the phase shift complicates the
loop compensation if the gain is still higher than unity at
the pole frequency. Eventually (usually well above the LC
pole frequency), the reactance of the output capacitor will
approach its ESR, and the roll-off due to the capacitor will
stop, leaving 6dB/octave and 90
° of phase shift (Figure 8).
So far, the AC response of the loop is pretty well out of the
user’s control. The modulator is a fundamental piece of the
LTC1703 design, and the external L and C are usually
chosen based on the regulation and load current require-
ments without considering the AC loop response. The
feedback amplifier, on the other hand, gives us a handle
with which to adjust the AC response. The goal is to have
180
° phase shift at DC (so the loop regulates) and some-
thing less than 360
° phase shift at the point that the loop
gain falls to 0dB. The simplest strategy is to set up the
feedback amplifier as an inverting integrator, with the 0dB
frequency lower than the LC pole (Figure 9). This “type 1”
configuration is stable but transient response will be less
than exceptional if the LC pole is at a low frequency.
GAIN
(dB)
PHASE
(DEG)
1703 F08
AV
00
–90
–180
–6dB/OCT
PHASE
GAIN
–12dB/OCT
Figure 8. Transfer Function of Buck Modulator
OUT
IN
R1
C1
RB
1703 F09a
VREF
+
–
GAIN
(dB)
PHASE
(DEG)
1703 F09b
00
–90
–180
–270
GAIN
PHASE
–6dB/OCT
Figure 9a. Type 1 Amplifier Schematic Diagram
Figure 9b. Type 1 Amplifier Transfer Function
Figure 10 shows an improved “type 2” circuit that uses an
additional pole-zero pair to temporarily remove 90
° of
phase shift. This allows the loop to remain stable with 90
°
more phase shift in the LC section, provided the loop
reaches 0dB gain near the center of the phase “bump.”
Type 2 loops work well in systems where the ESR zero in
APPLICATIO S I FOR ATIO
1The information in this section is based on the paper “The K Factor: A New Mathematical Tool for
Stability Analysis and Synthesis” by H. Dean Venable, Venable Industries, Inc. For complete paper,
see “Reference Reading #4” at www.linear-tech.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com