Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1707CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1707CS8
Description  High Efficiency Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1707CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1707CS8 Datasheet HTML 8Page - Linear Technology LTC1707CS8 Datasheet HTML 9Page - Linear Technology LTC1707CS8 Datasheet HTML 10Page - Linear Technology LTC1707CS8 Datasheet HTML 11Page - Linear Technology LTC1707CS8 Datasheet HTML 12Page - Linear Technology LTC1707CS8 Datasheet HTML 13Page - Linear Technology LTC1707CS8 Datasheet HTML 14Page - Linear Technology LTC1707CS8 Datasheet HTML 15Page - Linear Technology LTC1707CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1707
1707i LT/TP 1299 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
Single Lithium-Ion to 1.8V/0.3A Regulator
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1174/LTC1174-3.3
High Efficiency Step-Down and Inverting DC/DC Converters
Monolithic Switching Regulators, IOUT to 450mA,
LTC1174-5
Burst Mode Operation
LTC1265
1.2A, High Efficiency Step-Down DC/DC Converter
Constant Off-Time, Monolithic, Burst Mode Operation
LT
®1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
LTC1436A/LTC1436A-PLL
High Efficiency, Low Noise, Synchronous Step-Down Converters
24-Pin Narrow SSOP
LTC1438/LTC1439
Dual, Low Noise, Synchronous Step-Down Converters
Multiple Output Capability
LTC1474/LTC1475
Low Quiescent Current Step-Down DC/DC Converters
Monolithic, IOUT to 250mA, IQ = 10µA, 8-Pin MSOP
LTC1504A
Monolithic Synchronous Step-Down Switching Regulator
Low Cost, Voltage Mode IOUT to 500mA,
VIN from 4V to 10V
LTC1626
Low Voltage, High Efficiency Step-Down DC/DC Converter
Monolithic, Constant Off-Time, IOUT to 600mA,
Low Supply Voltage Range: 2.5V to 6V
LTC1627
Monolithic Synchronous Step-Down Switching Regulator
Constant Frequency, IOUT to 500mA, Secondary Winding
Regulation, VIN from 2.65V to 8.5V
LTC1622
Low Input Voltage Current Mode Step-Down DC/DC Controller
550kHz Constant Frequency, External P-Channel Switch,
IOUT to 4A, VIN From 2V to 10V
LTC1735
High Efficiency, Synchronous Step-Down Converter
16-Pin SO and SSOP
CITH
47pF
CSS
0.1
µF
15
µH*
1
2
3
4
8
7
6
5
VREF
SYNC/MODE
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1707
VIN ≤ 4.2V
VOUT
1.8V
0.3A
1707 TA04
+
COUT **
100
µF
6.3V
CIN***
10
µF
CERAMIC
R2
100k
1%
R1
80.6k
1%
* SUMIDA CD54-150
** AVX TPSC107M006R0150
*** TAIYO YUDEN LMK325BJ106K-T
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com