Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2004SW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBD2004SW
Description  HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD2004SW Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD2004SW_15 Datasheet HTML 1Page - Diodes Incorporated MMBD2004SW_15 Datasheet HTML 2Page - Diodes Incorporated MMBD2004SW_15 Datasheet HTML 3Page - Diodes Incorporated MMBD2004SW_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD2004SW
Document number: DS30443 Rev. 8 - 2
1 of 4
www.diodes.com
August 2013
© Diodes Incorporated
MMBD2004SW
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Features
Fast Switching Speed: Maximum of 50ns
High Reverse Breakdown Voltage: 300V
Low Leakage Current: Maximum of 100nA when VR = 240V at
Room Temperature
Surface Mount Package Ideally Suited for Automated Insertion
For General Purpose Switching Applications
Qualified to AEC-Q101 Standards for High Reliability
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Mechanical Data
Case: SOT323
Case Material: Molded Plastic, "Green" Molding Compound, UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin annealed over Copper leadframe.
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.006 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Case
Packaging
MMBD2004SW-7-F
Standard
SOT323
3000/Tape & Reel
MMBD2004SWQ-7-F
Automotive
SOT323
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
5. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Marking Information
Date Code Key
Year
2003
2004
…..
2013
2014
2015
2016
2017
2018
2019
Code
P
R
…..
A
B
C
D
E
F
G
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT323
Top View
Internal Schematic
KA9= Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
KA9
e3


Similar Part No. - MMBD2004SW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD2004SW-7-F DIODES-MMBD2004SW-7-F Datasheet
71Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 4 - 2
MMBD2004SW-7-F DIODES-MMBD2004SW-7-F Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Micro Commercial Compon...
MMBD2004SWT MCC-MMBD2004SWT Datasheet
332Kb / 3P
250mW 300Volt Dual Series Switching Diode
logo
Diodes Incorporated
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
More results

Similar Description - MMBD2004SW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_11 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAV23C-7 DIODES-BAV23C-7 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAV23A DIODES-BAV23A_15 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD2004S DIODES-MMBD2004S_15 Datasheet
97Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
MMBD3004A DIODES-MMBD3004A_15 Datasheet
232Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
BAS20DW DIODES-BAS20DW_15 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD3004A DIODES-MMBD3004A_16 Datasheet
325Kb / 5P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
BAS21DWA DIODES-BAS21DWA Datasheet
388Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
January 2018 Rev. 9 - 2
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
BAV23AQ DIODES-BAV23AQ Datasheet
373Kb / 5P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com