Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM042N03CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM042N03CSRLG
Description  30V N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM042N03CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM042N03CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM042N03CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM042N03CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM042N03CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM042N03CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM042N03CS
30V N-Channel Power MOSFET
2/5
Version: A14
Electrical Specifications (TJ=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
30
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 12A
RDS(ON)
--
3.8
4.2
m
Ω
VGS = 4.5V, ID = 6A
5.2
6
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1.2
1.6
2.5
V
Zero Gate Voltage Drain Current
VDS = 30V, VGS = 0V
IDSS
--
--
1
µA
VDS = 24V, TJ = 125ºC
--
--
10
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
(Note 3)
VDS = 10V, ID = 6A
gfs
--
12
--
S
Dynamic
Total Gate Charge
(Note 3,4)
VDS = 15V, ID = 12A,
VGS = 4.5V
Qg
--
24
--
nC
Gate-Source Charge
(Note 3,4)
Qgs
--
4.2
--
Gate-Drain Charge
(Note 3,4)
Qgd
--
13
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
2200
--
pF
Output Capacitance
Coss
--
280
--
Reverse Transfer Capacitance
Crss
--
177
--
Switching
Turn-On Delay Time
(Note 3,4)
VDD = 15V, ID = 15A,
VGS = 10V, RGEN =3.3Ω
td(on)
--
12.6
--
ns
Turn-On Rise Time
(Note 3,4)
tr
--
19.5
--
Turn-Off Delay Time
(Note 3,4)
td(off)
--
42.8
--
Turn-Off Fall Time
(Note 3,4)
tf
--
13.2
--
Source-Drain Diode Ratings and Characteristic
Maximum Continuous Drain-Source
Diode Forward Current
Integral reverse diode in
the MOSFET
IS
--
--
30
A
Maximum Pulse Drain-Source Diode
Forward Current
ISM
--
--
120
A
Diode Forward Voltage
VGS = 0V, IS = 1A
VSD
--
--
1
V
Note:
1.
Pulse width limited by safe operating area
2.
L=0.1mH, IAS =50A, VDD = 25V, RG = 25Ω, Starting TJ = 25ºC
3.
Pulse test: pulse width ≤300µs, duty cycle ≤2%
4.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com