Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1710CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1710CS8
Description  SMBus Dual Monolithic High Side Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1710CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1710CS8 Datasheet HTML 1Page - Linear Technology LTC1710CS8 Datasheet HTML 2Page - Linear Technology LTC1710CS8 Datasheet HTML 3Page - Linear Technology LTC1710CS8 Datasheet HTML 4Page - Linear Technology LTC1710CS8 Datasheet HTML 5Page - Linear Technology LTC1710CS8 Datasheet HTML 6Page - Linear Technology LTC1710CS8 Datasheet HTML 7Page - Linear Technology LTC1710CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1710
1710f LT/TP 0998 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATIONS
81
2
10
µF
7
5
6
FROM SMBus
3
PROGRAMMABLE
4
1710 F05
VCC
SW0D
3.3V
CLK
DATA
OUT0
LTC1710
OUT1
AD1
GND
34
8
100k
LBO
2
1
5
7
VIN
SW
22
µH*
2200
µF
5V
200mA
1N5817
SHDN
SHUTDOWN
GND
SENSE
LT1304-5
LBO
LBI
*SUMIDA CD54-220
+
100
µF
+
499k
604k
3.3V
LOAD
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1304
Micropower DC/DC Converter
Low-Battery Detector Active in Shutdown
LTC1470/LTC1471
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
Current Limit
LTC1473
Dual PowerPath
TM Switch Matrix
Current Limit with Timer
LTC1623
SMBus Dual High Side Switch Controller
Uses External Switches, Two Three-State Address Pins
PowerPath is a trademark of Linear Technology Corporation.
RELATED PARTS
Figure 5. Switching Regulator with Low-Battery Detect Using 22
µA of Standby Current
Dimensions in inches (millimeters), unless otherwise noted.
PACKAGE DESCRIPTION
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
MSOP (MS8) 1197
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.040
± 0.006
(1.02
± 0.15)
0.012
(0.30)
REF
0.006
± 0.004
(0.15
± 0.102)
0.034
± 0.004
(0.86
± 0.102)
0.0256
(0.65)
TYP
12
3
4
0.192
± 0.004
(4.88
± 0.10)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com