Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103ASDM Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SD103ASDM
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103ASDM Datasheet(HTML) 2 Page - Diodes Incorporated

  SD103ASDM_15 Datasheet HTML 1Page - Diodes Incorporated SD103ASDM_15 Datasheet HTML 2Page - Diodes Incorporated SD103ASDM_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103ASDM
0.01
0.1
1
10
100
1,000
0
510
15
35
30
25
20
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
40
0.01
0.1
1
0.001
0.0001
0
800
600
400
200
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics
F
T = 25 C
A
°
T= 75 C
A
°
T = 125 C
A
°
T = 0 C
A
°
T = -40 C
A
°
0
10
5
15
25
20
30
0
10
20
30
40
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
f = 1.0MHz
0
100
025
50
75
100
125
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Power Derating Curve
A
°
200
Ordering Information (Notes 5 & 6)
Part Number
Case
Packaging
SD103ASDM-7-F
SOT-26
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KSU YM
KSU = Product Type Marking Code
YM = Date Code Marking
Y =Year (ex: T = 2006)
M = Month (ex: 9 = September)
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SD103ASDM
Document number: DS30294 Rev. 9 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com