Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1753 Datasheet HTML 9Page - Linear Technology LTC1753 Datasheet HTML 10Page - Linear Technology LTC1753 Datasheet HTML 11Page - Linear Technology LTC1753 Datasheet HTML 12Page - Linear Technology LTC1753 Datasheet HTML 13Page - Linear Technology LTC1753 Datasheet HTML 14Page - Linear Technology LTC1753 Datasheet HTML 15Page - Linear Technology LTC1753 Datasheet HTML 16Page - Linear Technology LTC1753 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1753
mounted next to the external MOSFET which is expected
to run the hottest –– often the high-side device, Q1. Elec-
trically, the thermistor should form a voltage divider with
another resistor, R1, connected to VCC. Their midpoint
should be connected to OUTEN (see Figure 6). As the
temperature increases, the OUTEN pin voltage is reduced.
Under normal operating conditions, the OUTEN pin should
stay above 1.7V and all circuits will function normally. If
the temperature gets abnormally high, the OUTEN pin
voltage will eventually drop below 1.7V, the LTC1753
disables both FET drivers. If OUTEN decreases below
1.2V, the LTC1753 enters shutdown mode. To activate any
of these three modes, the OUTEN voltage must drop below
the respective threshold for longer than 30
µs.
MOSFET Gate Drive
Power for the internal MOSFET drivers is supplied by
PVCC. This supply must be above the input supply voltage
by at least one power MOSFET VGS(ON) for efficient
operation. For a typical application, PVCC should be con-
nected to a 12V power supply.
If the OUTEN pin is low, G1 and G2 are both held low to
prevent output voltage undershoot. As VCC and PVCC
power up from a 0V condition, an internal undervoltage
lockout circuit prevents G1 and G2 from going high until
VCC reaches about 3.5V. If VCC powers up while PVCC is at
ground potential, the SS is forced to ground potential
internally. SS clamps the COMP pin low and prevents the
drivers from turning on. On power-up or recovery from
thermal shutdown, the drivers are designed such that G2
is held low until G1 first goes high.
Power MOSFETs
Two N-channel power MOSFETs are required for most
LTC1753 circuits. Logic level MOSFETs should be used
and they should be selected based on on-resistance and
GATE threshold voltage considerations. RDS(ON) should
be chosen based on input and output voltage, allowable
power dissipation and maximum required output current.
GATE threshold voltages for logic level MOSFETs are
lower than standard MOSFETs. A MOSFET whose RDS(ON)
is rated at VGS = 4.5V does not necessarily have a logic
level MOSFET GATE threshold voltage. Using standard
MOSFETs instead of logic level MOSFETs can cause start-
up problems, especially if PVCC is derived from a charge
pump scheme. In a typical LTC1753 buck converter circuit
the average inductor current is equal to the output load
current. This current is always flowing through either Q1
or Q2 with the power dissipation split up according to the
duty cycle:
DC Q
V
V
DC Q
V
V
VV
V
OUT
IN
OUT
IN
IN
OUT
IN
1
21
()=
()=−
=
−
()
Q1
Q2
LO
VOUT
1753 F06
COUT
VIN
VCC
R1
R2
NTC THERMISTOR
MOUNT IN CLOSE
THERMAL PROXIMITY
TO Q1
LTC1753
G1
G2
OUTEN
+
Figure 6. OUTEN Pin as a Thermistor Input
Clock Synchronization
The internal oscillator can be synchronized to an external
clock by applying the external clocking signal to the
OUTEN pin. The synchronizing range extends from the
initial operating frequency up to 500kHz. If the external
frequency is much higher than the natural free-running
frequency, the peak-to-peak sawtooth amplitude within
the LTC1753 will decrease. Since the loop gain is inversely
proportional to the amplitude of the sawtooth, the com-
pensation network may need to be adjusted slightly. Note
that the temperature sensing circuitry does not operate
when external synchronization is used.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com