Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM60N06CPROG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N06CPROG
Description  60V N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N06CPROG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM60N06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TSM60N06
60V N-Channel Power MOSFET
3/4
Version: A12
TO-252 Mechanical Drawing
TO-252 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.286 BSC
0.090 BSC
B
9.40
10.40
0.370
0.409
C
5.40
6.23
0.213
0.245
D
6.40
6.80
0.252
0.268
E
2.20
2.40
0.087
0.094
F
0.00
0.20
0.000
0.008
G
5.20
5.50
0.205
0.217
G1
0.50
0.91
0.020
0.036
H
0.45
0.60
0.018
0.024
H1
0.40
0.60
0.016
0.024
J
2.50
2.90
0.098
0.114
K
0.60
1.00
0.023
0.039
L
1.40
1.78
0.055
0.070
M
0.88
1.28
0.034
0.050



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com