Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753CG Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1753CG
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753CG Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1753CG Datasheet HTML 16Page - Linear Technology LTC1753CG Datasheet HTML 17Page - Linear Technology LTC1753CG Datasheet HTML 18Page - Linear Technology LTC1753CG Datasheet HTML 19Page - Linear Technology LTC1753CG Datasheet HTML 20Page - Linear Technology LTC1753CG Datasheet HTML 21Page - Linear Technology LTC1753CG Datasheet HTML 22Page - Linear Technology LTC1753CG Datasheet HTML 23Page - Linear Technology LTC1753CG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1753
Dimension in inches (millimeters) unless otherwise noted.
G Package
20-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G20 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
12 3
4
5
6 7 89 10
7.07 – 7.33*
(0.278 – 0.289)
17
18
14 13 12 11
15
16
19
20
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com