Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1735CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1735CS
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1735CS Datasheet HTML 1Page - Linear Technology LTC1735CS Datasheet HTML 2Page - Linear Technology LTC1735CS Datasheet HTML 3Page - Linear Technology LTC1735CS Datasheet HTML 4Page - Linear Technology LTC1735CS Datasheet HTML 5Page - Linear Technology LTC1735CS Datasheet HTML 6Page - Linear Technology LTC1735CS Datasheet HTML 7Page - Linear Technology LTC1735CS Datasheet HTML 8Page - Linear Technology LTC1735CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC1735
Maximum Current Sense Threshold
vs Normalized Output Voltage
(Foldback)
TYPICAL PERFOR A CE CHARACTERISTICS
Maximum Current Sense Threshold
vs VRUN/SS
Maximum Current Sense Threshold
vs Sense Common Mode Voltage
Maximum Current Sense Threshold
vs ITH Voltage
Output Current vs Duty Cycle
VITH vs VRUN/SS
SENSE Pins Total Source Current
ITH Voltage vs Load Current
Maximum Current Sense Threshold
vs Temperature
NORMALIZED OUTPUT VOLTAGE (%)
0
40
50
60
100
1735 G10
30
20
0
25
50
75
10
80
70
VRUN/SS (V)
0
0
20
40
60
80
12
3
4
1735 G11
56
VSENSE(CM) = 1.6V
COMMON MODE VOLTAGE (V)
0
72
76
80
4
1735 G12
68
64
60
1
2
3
5
VITH (V)
0
30
50
70
90
2
1735 G13
10
–10
20
40
60
80
0
–20
–30
0.5
1
1.5
2.5
DUTY CYCLE (%)
0
0
20
40
60
80
100
20
40
60
80
1735 G14
100
fSYNC = fO
IOUT/IMAX (SYNC)
IOUT/IMAX
(FREE RUN)
VRUN/SS (V)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
1735 G15
56
VOSENSE = 0.7V
VSENSE COMMON MODE VOLTAGE (V)
0
0
1735 G16
–50
–100
24
50
100
6
LOAD CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
1735 G17
56
VIN = 10V
VOUT = 3.3V
RSENSE = 0.01Ω
fO = 300kHz
CONTINUOUS
MODE
Burst Mode
OPERATION
SYNCHRONIZED f = fO
TEMPERATURE (
°C)
–40
60
65
70
75
80
–15
10
35
60
1735 G18
85
110
135
VSENSE(CM) = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com