Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM70N600CPROG Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM70N600CPROG
Description  N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM70N600CPROG Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM70N600CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TSM70N600
Taiwan Semiconductor
Document Number: DS_P0000138
6
Version: C15
ELECTRICAL CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Normalized Thermal Transient Impedance (DPAK/IPAK)
10
-4
10
-3
10
-2
10
-1
10
0
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Square Wave Pulse Duration (s)
10
1
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com