Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1759 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 9Page - Linear Technology LTC1759 Datasheet HTML 10Page - Linear Technology LTC1759 Datasheet HTML 11Page - Linear Technology LTC1759 Datasheet HTML 12Page - Linear Technology LTC1759 Datasheet HTML 13Page - Linear Technology LTC1759 Datasheet HTML 14Page - Linear Technology LTC1759 Datasheet HTML 15Page - Linear Technology LTC1759 Datasheet HTML 16Page - Linear Technology LTC1759 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1759
OPERATIO
POWER-ON
WORD BIT
RESET VALUE
FUNCTION
FIELD
MAPPING
(BINARY)
ALLOWED VALUES
RESET_TO_ZERO
3
0
• 0 – Charging Value Unchanged
• 1 – Set Charging Values to Zero
NOTE:
This function is implemented by forcing the charger to
CHARGING_NONE_STATE and not allowing charge to resume until a
valid ChargingCurrent() and ChargingVoltage() Pair Is received.
• Write Only. Read Will NACK
Reserved
15:4
0
• Not Implemented. Writes to These Bits Are Ignored.
• Write Only. Read Will NACK
ChargerStatus()
CHARGE_INHIBITED
0
0
This Is the ChargerMode() INHIBIT_CHARGE Bit
• 0 – Charger Is Enabled
• 1 – Charger Is Inhibited
• Read Only. Write Will NACK
MASTER_MODE
1
0
• 0 – Charger Is in Slave Mode (Polling Disabled)
• 1 – Charger Is in Master Mode (Polling Enabled)
• Always Returns 0
• Read Only. Write Will NACK
VOLTAGE_NOTREG
2
0
• 0 – Charger’s Output Voltage Is in Regulation
• 1 – Requested ChargingCurrent() Is Not Being Met
• Not Supported; Always Returns 0
• Read Only. Write Will NACK
CURRENT_NOTREG
3
0
• 0 – Charger’s Output Current Is in Regulation
• 1 – Requested ChargingCurrent() Is Not Being Met
• Not Supported; Always Returns 0
• Read Only. Write Will NACK
LEVEL_3:LEVEL_2
5:4
01
• 00 – Reserved
• 01 – Charger Is a Smart Battery Controlled
• 10 – Reserved
• 11 – Charger Is a Host Controlled
• Always Returns 01
• Read Only. Write Will NACK
CURRENT_OR
6
0
• 0 – ChargingCurrent() Value Is Valid
• 1 – ChargingCurrent() Value Is Invalid
• This Value Is Valid Only When Charging with
CHARGE_INHIBITED = 0 or 1
• Read Only. Write Will NACK
VOLTAGE_OR
7
0
• 0 – ChargingVoltage() Value Is Valid
• 1 – ChargingVoltage() Value Is Invalid
• This Value Is Valid Only When Charging with
CHARGE_INHIBITED = 0 or 1
• Read Only. Write Will NACK
THERM_OR
8
Value
• 0 – Thermistor Indicates Not Overrange
• 1 – Thermistor Indicates Overrange
• Read Only. Write Will NACK
THERM_COLD
9
Value
• 0 – Thermistor Indicates Not Cold
• 1 – Thermistor Indicates Cold
• Read Only. Write Will NACK
THERM_HOT
10
Value
• 0 – Thermistor Indicates Not Hot
• 1 – Thermistor Indicates Hot
• Read Only. Write Will NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com