Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1772 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology LTC1772 Datasheet HTML 10Page - Linear Technology LTC1772 Datasheet HTML 11Page - Linear Technology LTC1772 Datasheet HTML 12Page - Linear Technology LTC1772 Datasheet HTML 13Page - Linear Technology LTC1772 Datasheet HTML 14Page - Linear Technology LTC1772 Datasheet HTML 15Page - Linear Technology LTC1772 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1772
TYPICAL APPLICATIONS
LTC1772 3.3V to 5V/1A Boost Regulator
ITH/RUN
LTC1772
R4
10k
R1
0.033
Ω
R2
420k
R3
80k
L1
4.7
µH
M1
D1
C3
220pF
U1: FAIRCHILD NC7SZ04
GND
VFB
6
3
4
2
5
5
4
1772 TA03
1
2
3
PGATE
VIN
SENSE–
C1
47
µF
16V
×2
VOUT
5V
1A
VIN
3.3V
C2
100
µF
10V
×2
+
U1
C1: AVXTPSE476M016R0047
C2: AVXTPSE107M010R0100
D1: MOTOROLA M516
L1: MURATA LQN6C-4R7
M1: Si9804DY
R1: DALE 0.25W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com