Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1771ES8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1771ES8
Description  Low Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771ES8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1771ES8 Datasheet HTML 8Page - Linear Technology LTC1771ES8 Datasheet HTML 9Page - Linear Technology LTC1771ES8 Datasheet HTML 10Page - Linear Technology LTC1771ES8 Datasheet HTML 11Page - Linear Technology LTC1771ES8 Datasheet HTML 12Page - Linear Technology LTC1771ES8 Datasheet HTML 13Page - Linear Technology LTC1771ES8 Datasheet HTML 14Page - Linear Technology LTC1771ES8 Datasheet HTML 15Page - Linear Technology LTC1771ES8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1771
1771i LT/TP 0200 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2000
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1147 Series
High Efficiency Step-Down Switching Regulator Controllers
100% DC, 3.5V
≤ VIN ≤ 16V
LTC1174/LTC1174-3.3/LTC1174-5
High Efficiency Step-Down and Inverting DC/DC Converters
Selectable IPEAK = 300mA or 600mA
LTC1265
1.2A High Efficiency Step-Down DC/DC Converter
Burst Mode Operation, Internal MOSFET
LTC1474/LTC1475
Low Quiscent Current Step-Down Regulators
Monolithic, IQ = 10µA, 400mA, MS8
LTC1574/LTC1574-3.3/LTC1574-5
High Efficiency Step-Down DC/DC Converters
LTC1174 with Internal Schottky Diode
with Internal Schottky Diode
LTC1622
Low Input Voltage Step-Down DC/DC Controller
Constant Frequency, 2V to 10V VIN, MS8
LTC1624
High Efficiency SO-8 N-Channel Switching Regulator Controller
95% DC, 3.5V to 36V VIN
LT
®1761 Series
100mA, Low Noise, LDO Micropower Regulators in SOT-23
20
µA Quiescent Current, 20µVRMS Noise
LT1763 Series
500mA, Low Noise, LDO Micropower Regulators
30
µA Quiescent Current, 20µVRMS Noise
LTC1772
Constant Frequency Step-Down DC/DC Controller
SOT-23, 2.2V to 9.8V VIN
5V/1A Zeta Converter
RUN/SS
ITH
VFB
GND
1
2
3
4
8
7
6
5
MODE
SENSE
VIN
PGATE
LTC1771
1000pF
MODE
Si3443DV
UPS5817
1771 TA03
22
µH
•
•
22
µH
22
µF
10V
RSENSE
0.025
Ω
CIN
22
µF
25V
VIN
2.8V
TO 12V
VOUT
5V
1A
+
0.01
µF
5pF
220pF
10k
3.09M
1%
1M
1%
COUT
150
µF
6.3V
+
VIN (V)
2.8
3.3
5
7.5
10
12
ILOAD(MAX) (A)
0.8
1.1
1.7
2.3
2.7
2.9
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com