Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1929 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1929
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1929 Datasheet HTML 9Page - Linear Technology LTC1929 Datasheet HTML 10Page - Linear Technology LTC1929 Datasheet HTML 11Page - Linear Technology LTC1929 Datasheet HTML 12Page - Linear Technology LTC1929 Datasheet HTML 13Page - Linear Technology LTC1929 Datasheet HTML 14Page - Linear Technology LTC1929 Datasheet HTML 15Page - Linear Technology LTC1929 Datasheet HTML 16Page - Linear Technology LTC1929 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1929
amplifier rejects common mode signals capacitively or
inductively radiated into the feedback PC traces as well as
ground loop disturbances. The differential amplifier out-
put signal is divided down and compared with the internal
precision 0.8V voltage reference by the error amplifier.
The differential amplifier can be used in either of two
configurations according to the voltage applied to the
AMPMD pin. The first configuration, with the connections
illustrated in the Functional Diagram, utilizes a set of
internal precision resistors to enable precision instrumen-
tation-type measurement of the output voltage. This con-
figuration is activated when the AMPMD pin is tied to
ground. When the AMPMD pin is tied to INTVCC, the
resistors are disconnected and the amplifier inputs are
made directly available. The amplifier can then be used as
a general purpose op amp. The amplifier has a 0V to 3V
common mode input range limitation due to the internal
switching of its inputs. The output is an NPN emitter
follower without any internal pull-down current. A DC
resistive load to ground is required in order to sink current.
The output will swing from 0V to 10V (VIN ≥ VDIFFOUT + 2V).
Soft-Start/Run Function
The RUN/SS pin provides three functions: 1) Run/Shut-
down, 2) soft-start and 3) a defeatable short-circuit latchoff
timer. Soft-start reduces the input power sources’ surge
currents by gradually increasing the controller’s current
limit ITH(MAX). The latchoff timer prevents very short,
extreme load transients from tripping the overcurrent
latch. A small pull-up current (>5
µA) supplied to the RUN/
SS pin will prevent the overcurrent latch from operating.
The following explanation describes how the functions
operate.
An internal 1.2
µA current source charges up the CSS
capacitor. When the voltage on RUN/SS reaches 1.5V, the
controller is permitted to start operating. As the voltage on
RUN/SS increases from 1.5V to 3.0V, the internal current
limit is increased from 25mV/RSENSE to 75mV/RSENSE.
The output current limit ramps up slowly, taking an
additional 1.4s/
µF to reach full current. The output current
thus ramps up slowly, reducing the starting surge current
required from the input power supply. If RUN/SS has been
pulled all the way to ground there is a delay before starting
of approximately:
t
V
A
Cs
F C
DELAY
SS
SS
=
µ
=µ
()
15
12
125
.
.
./
The time for the output current to ramp up is then:
t
VV
A
Cs
F C
IRAMP
SS
SS
=
−
µ
=µ
()
31 5
12
125
.
.
./
By pulling both RUN/SS controller pins below 0.8V the
LTC1929 is put into low current shutdown (IQ < 40µA). The
RUN/SS pins can be driven directly from logic as shown in
Figure 6. Diode D1 in Figure 6 reduces the start delay but
allows CSS to ramp up slowly providing the soft-start
function. The RUN/SS pin has an internal 6V zener clamp
(see Functional Diagram).
Fault Conditions: Overcurrent Latchoff
The RUN/SS pin also provides the ability to latch off the
controllers when an overcurrent condition is detected. The
RUN/SS capacitor, CSS, is used initially to limit the inrush
current of both controllers. After the controllers have been
started and been given adequate time to charge up the
output capacitors and provide full load current, the RUN/
SS capacitor is used for a short-circuit timer. If the output
voltage falls to less than 70% of its nominal value, after
CSS reaches 4.1V, CSS begins discharging on the assump-
tion that the output is in an overcurrent condition. If the
condition lasts for a long enough period as determined by
the size of CSS, the controller will be shut down until the
RUN/SS pin voltage is recycled. If the overload occurs
during start-up, the time can be approximated by:
TLO1 ≈ (CSS • 0.6V)/(1.2µA) = 5 • 105 (CSS)
If the overload occurs after start-up the voltage on the
RUN/SS capacitor will continue charging and will provide
additional time before latching off:
TLO2 ≈ (CSS • 3V)/(1.2µA) = 2.5 • 106 (CSS)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com