Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM180P03CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM180P03CS
Description  30V P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM180P03CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM180P03CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM180P03CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM180P03CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM180P03CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM180P03CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM180P03CS
30V P-Channel Power MOSFET
1/5
Version: A14
SOP-8
Key Parameter Performance
Parameter
Value
Unit
VDS
-30
V
RDS(on) (max)
VGS = -10V
18
m
Ω
VGS = -4.5V
30
Qg
14.6
nC
Ordering Information
Part No.
Package
Packing
TSM180P03CS RLG
SOP-8
2.5k
pcs / 13” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Absolute Maximum Ratings (Tc=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
Tc=25ºC
ID
-10
A
Tc=100ºC
-6.3
A
Pulsed Drain Current
(Note 1)
IDM
-40
A
Power Dissipation @ TC = 25
oC
PD
2.5
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Ambient
RӨJA
50
oC/W
Pin Definition:
1. Source
8. Drain
2. Source
7. Drain
3. Source
6. Drain
4. Gate
5. Drain
Block Diagram
P-Channel MOSFET


Similar Part No. - TSM180P03CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
TSM180N03CSRLG TSC-TSM180N03CSRLG Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
TSM180N03PQ33 TSC-TSM180N03PQ33 Datasheet
466Kb / 5P
30V N-Channel Power MOSFET
TSM180N03PQ33RGG TSC-TSM180N03PQ33RGG Datasheet
466Kb / 5P
30V N-Channel Power MOSFET
More results

Similar Description - TSM180P03CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
logo
Unisonic Technologies
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT4435 UTC-UT4435 Datasheet
184Kb / 5P
30V P-CHANNEL POWER MOSFET
UTT75P03 UTC-UTT75P03 Datasheet
136Kb / 3P
75A, 30V P-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
100A, 30V P-CHANNEL POWER MOSFET
UTT36P03 UTC-UTT36P03 Datasheet
129Kb / 3P
-30V, -36A P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600P03CS TSC-TSM600P03CS Datasheet
275Kb / 5P
30V P-Channel Power MOSFET
TSM650P03CX TSC-TSM650P03CX Datasheet
500Kb / 5P
30V P-Channel Power MOSFET
logo
Leshan Radio Company
LP3419DT2AG LRC-LP3419DT2AG Datasheet
142Kb / 3P
30V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com