Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL-12R6W0CWC-A2X Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # AL-12R6W0CWC-A2X
Description  Yellow Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

AL-12R6W0CWC-A2X Datasheet(HTML) 1 Page - Lucky Light Electronic

  AL-12R6W0CWC-A2X_15 Datasheet HTML 1Page - Lucky Light Electronic AL-12R6W0CWC-A2X_15 Datasheet HTML 2Page - Lucky Light Electronic AL-12R6W0CWC-A2X_15 Datasheet HTML 3Page - Lucky Light Electronic AL-12R6W0CWC-A2X_15 Datasheet HTML 4Page - Lucky Light Electronic AL-12R6W0CWC-A2X_15 Datasheet HTML 5Page - Lucky Light Electronic AL-12R6W0CWC-A2X_15 Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-12R6W0CWC-A2X
Spec No.
Page
1 of 6
+
+
+
_
+
_
+
_
+
+
_
V-
_
_
_
_
+
_
+
V+
+
_
_
+
_
+
Package Dimension:
Part NO.
Housing
Emitting Color
Lens Color
AL-12R6W0CWC-A2X
----
White
Yellow Diffused
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010”) unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04”) max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.
6.
This data-sheet only valid for six months.


Similar Part No. - AL-12R6W0CWC-A2X_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-12R6W0CWC-A2X A-BRIGHT-AL-12R6W0CWC-A2X Datasheet
252Kb / 6P
All dimensions are in millimeters
More results

Similar Description - AL-12R6W0CWC-A2X_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-25A3YD1A FORYARD-FYL-25A3YD1A Datasheet
268Kb / 5P
Yellow diffused led
FYL-25A3YD1B FORYARD-FYL-25A3YD1B Datasheet
268Kb / 5P
Yellow diffused led
FYL-55A3YD1A FORYARD-FYL-55A3YD1A_15 Datasheet
270Kb / 5P
Yellow diffused led
FYL-4064LUYD1E-S5 FORYARD-FYL-4064LUYD1E-S5 Datasheet
275Kb / 5P
Yellow diffused led
FYL-4354LUYD1A-S2 FORYARD-FYL-4354LUYD1A-S2 Datasheet
275Kb / 5P
Yellow diffused led
FYL-5012YD1C FORYARD-FYL-5012YD1C_15 Datasheet
271Kb / 5P
Yellow diffused led
FYL-5463LUYD1E FORYARD-FYL-5463LUYD1E Datasheet
274Kb / 5P
Yellow diffused led
FYL-5463PUYD1B FORYARD-FYL-5463PUYD1B Datasheet
270Kb / 5P
Yellow diffused led
FYL-8013YD1B FORYARD-FYL-8013YD1B_15 Datasheet
271Kb / 5P
Yellow Diffused led
FYL-10013YD1A FORYARD-FYL-10013YD1A Datasheet
271Kb / 5P
Yellow Diffused led
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com