Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1841CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1841CS8
Description  Ultralow Power Dual Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1841CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1841CS8 Datasheet HTML 4Page - Linear Technology LTC1841CS8 Datasheet HTML 5Page - Linear Technology LTC1841CS8 Datasheet HTML 6Page - Linear Technology LTC1841CS8 Datasheet HTML 7Page - Linear Technology LTC1841CS8 Datasheet HTML 8Page - Linear Technology LTC1841CS8 Datasheet HTML 9Page - Linear Technology LTC1841CS8 Datasheet HTML 10Page - Linear Technology LTC1841CS8 Datasheet HTML 11Page - Linear Technology LTC1841CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1841/LTC1842/LTC1843
APPLICATIONS INFORMATION
1. Choose the required hysteresis voltage band and
calculate values for R4 and R5 according to the formu-
las in the hysteresis section. In this example,
±5mV of
hysteresis has been added at the comparator input
(VH = VHB/2). Note that the hysteresis apparent at VIN
will be larger because of the input resistor divider.
2. Select R1. The leakage current into IN B – is under 1nA
so the current through R1 should exceed 100nA, to
ensure threshold accuracy. R1 values up to about 10M
can be used, but values in the 100k to 1M range are
usually easier to deal with. In this example choose
R1 = 294k.
3. Calculate R2 + R3. The overvoltage threshold should be
set at 5.5V. The design equation is as follows:
RR
R
V
VV
k
M
UTH
REF
H
23
1
1
294
55
1 182 0 005
1
1 068
+=
+


=
+


=
–
.
..
–
.
4. Calculate R2. The undervoltage threshold should be set
at 4.5V. The design equation is as follows:
RR
R
R
VV
V
R
kM
k
k
REF
H
LTH
21
2
3
1
294
1 068
1 182 0 005
45
294
62 2
=+
+
()
=+
()
=
–
–
.
.– .
.
–
.
Choose R2 = 61.9k (1% standard value)
5. Calculate R3:
R3 = (R2 + R3) – R2
= 1.068M – 61.9k
= 1.006M
Choose R3 = 1M (1% standard value)
6. Verify the resistor values. The equations are as
follows, evaluated for the above example:
Overvoltage threshold:
VV
V
RR
R
R
V
OTH
REF
H
=+
() ++
=
12
3
1
5 474
.
Undervoltage threshold:
VV
V
RR
R
RR
V
UTH
REF
H
=
() ++
+
=
–
.
12
3
12
4 484
where the hysteresis voltage VV
R
R
H
REF
=
()


5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com