Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77017GC Datasheet(PDF) 13 Page - NEC

Part # UPD77017GC
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017GC Datasheet(HTML) 13 Page - NEC

Back Button UPD77017GC Datasheet HTML 9Page - NEC UPD77017GC Datasheet HTML 10Page - NEC UPD77017GC Datasheet HTML 11Page - NEC UPD77017GC Datasheet HTML 12Page - NEC UPD77017GC Datasheet HTML 13Page - NEC UPD77017GC Datasheet HTML 14Page - NEC UPD77017GC Datasheet HTML 15Page - NEC UPD77017GC Datasheet HTML 16Page - NEC UPD77017GC Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
13
µPD77015, 77017, 77018
Symbol
Pin No.
I/O
Function
HA1
82
I
Specifies register which HD7 to HD0 access
1:
Accesses HST:
Host interface status register
when HA1 = 0
0:
Accesses HDT(in): Host transmit data register when
HWR = 0
0:
Accesses HDT(out): Host receive data register when
HRD = 0
HA0
81
I
Specifies bits of registers which HD7 to HD0 access
• 1: Accesses bits 15-8 of HST, HDT(in) or HDT(out)
• 0: Accesses bits 7-0 of HST, HDT(in) or HDT(out)
HCS
78
I
Chip select input
HRD
79
I
Host read input
HWR
80
I
Host write input
HRE
66
O
Host read enable output
HWE
67
O
Host write enable output
HD7 - HD0
70 - 77
I/O (3S)
8 bits host data bus
• Host interface
Remark
The state of the pins added 3S becomes high impedance when the host does not access host interface.
• I/O port
Symbol
Pin No.
I/O
Function
P3 - P0
62 - 65
I/O
I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com