Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1998CS6 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1998CS6
Description  2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998CS6 Datasheet(HTML) 7 Page - Linear Technology

  LTC1998CS6 Datasheet HTML 1Page - Linear Technology LTC1998CS6 Datasheet HTML 2Page - Linear Technology LTC1998CS6 Datasheet HTML 3Page - Linear Technology LTC1998CS6 Datasheet HTML 4Page - Linear Technology LTC1998CS6 Datasheet HTML 5Page - Linear Technology LTC1998CS6 Datasheet HTML 6Page - Linear Technology LTC1998CS6 Datasheet HTML 7Page - Linear Technology LTC1998CS6 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC1998
7
1998fa
QUICK DESIGN GUIDE
How to Calculate the External Resistor Values
The LTC1998 is a low battery warning indicator and is es-
pecially designed for monitoring the voltage of single-cell
Lithium-Ion batteries. The LTC1998 compares its supply
pin (BATT) to an accurate internal reference; if the battery
voltage falls below the programmed low battery threshold
voltage of the LTC1998, the battery low pin (BATTLO) will
change state, from high to low, to indicate a low battery
condition. The low battery threshold voltage is programmed
via the voltage threshold adjust pin (VTH.A). A hysteresis
adjust pin (VH.A) will add hysteresis to the programmed
value of the low battery threshold voltage.
Typical Application
Table 1: Design Equations for R1, R2, R3, Figure 1
Choose desired values for:
• VBATT.Th: Low Battery Threshold Voltage
• VHYST: Hysteresis Voltage
• IR: Max Allowable Resistor Current
Solve:
RR
R
R
V
I
RR
V
VV
RR
V
V
R
RR
R
R
TOTAL
R
TOTAL
BATT Th
HYST
TOTAL
BATT Th
TOTAL
=+
+
=
=
+
⎛
⎝⎜
⎞
⎠⎟
=
⎛
⎝⎜
⎞
⎠⎟
=
12
3
42
1
5
1
2
5
11
31
2
.
•–
•–
–
––
.
.
Figure 1. Low Battery Threshold Detector with Hysteresis
Example 1: A system using a 4.2V (fully charged) Lithium-
Ion battery requires a low battery threshold of 2.7V, 100mV
hysteresis and can allow up to 4.2μA maximum resistor
current.
RTOTAL = 1MΩ, R1 = 786k, R2 = 66k and R3 = 148k
Choose standard 1% values.
R1 = 787k, R2 = 66.5k, R3 = 147k
1998 F01
LTC1998
R1
1%
R2
1%
R3
1%
VH.A
VTH.A
BATT
VLOGIC
BATTLO
4
3
2
1
5
6
REGULATOR
μP
GND
0.1μF
1.5V TO 4.2V
VLOGIC
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com