Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM480P06CPROG Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TSM480P06CPROG
Description  60V P-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM480P06CPROG Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TSM480P06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM480P06CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSM480P06
60V P-Channel Power MOSFET
7/9
Version: D14
TO-251S Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M = Month Code for Halogen Free Product
(
O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com