Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM500N03CPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM500N03CPROG
Description  30V N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM500N03CPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM500N03CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM500N03
30V N-Channel Power MOSFET
2/5
Version: A14
Electrical Specifications (TC=25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
30
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 8A
RDS(ON)
--
40
50
mΩ
VGS = 4.5V, ID = 8A
--
65
80
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1
1.7
3
V
Zero Gate Voltage Drain Current
VDS = 30V, VGS = 0V
IDSS
--
--
1
µA
VDS = 24V, Tc = 150°C
--
--
25
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Dynamic
Total Gate Charge
(Note 2,3)
VDS = 24V, ID = 10A,
VGS = 4.5V
Qg
--
4
--
nC
Gate-Source Charge
(Note 2,3)
Qgs
--
1.6
--
Gate-Drain Charge
(Note 2,3)
Qgd
--
2.4
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
270
--
pF
Output Capacitance
Coss
--
70
--
Reverse Transfer Capacitance
Crss
--
50
--
Switching
Turn-On Delay Time
(Note 2,3)
VDD = 15V, ID = 10A,
VGS = 10V, RGEN =3.3Ω
td(on)
--
7
--
ns
Turn-On Rise Time
(Note 2,3)
tr
--
30
--
Turn-Off Delay Time
(Note 2,3)
td(off)
--
10
--
Turn-Off Fall Time
(Note 2,3)
tf
--
3
--
Source-Drain Diode Ratings and Characteristic
Diode-Source Forward Voltage
VGS = 0V, IS = 5A
VSD
--
--
1.3
V
Reverse Recovery Time
(Note 2)
VGS = 0V, IS = 10A
dIF/dt = 100A/µs
trr
--
17
--
ns
Reverse Recovery Charge
(Note 2)
Qrr
--
10
--
nC
Note:
1.
Pulse width limited by safe operating area
2.
Pulse test: pulse width ≤ 300µs, duty cycle ≤ 2%
3.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com