Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2408C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2408C
Description  4-/8-Channel 24-Bit uPower No Latency ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2408C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2408C Datasheet HTML 13Page - Linear Technology LTC2408C Datasheet HTML 14Page - Linear Technology LTC2408C Datasheet HTML 15Page - Linear Technology LTC2408C Datasheet HTML 16Page - Linear Technology LTC2408C Datasheet HTML 17Page - Linear Technology LTC2408C Datasheet HTML 18Page - Linear Technology LTC2408C Datasheet HTML 19Page - Linear Technology LTC2408C Datasheet HTML 20Page - Linear Technology LTC2408C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
LTC2404/LTC2408
APPLICATIONS INFORMATION
Table 5. LTC2404/LTC2408 Interface Timing Modes
Conversion
Data
Connection
SCK
Cycle
Output
and
Configuration
Source
Control
Control
Waveforms
External SCK
External
CS and SCK
CS and SCK
Figures 7, 8, 9
Internal SCK
Internal
CS
↓
CS
↓
Figures 10, 11
is used as an end of conversion indicator during the
conversion and sleep states.
When CSADC (Pin 23) is HIGH, the SDO driver is switched
to a high impedance state. This allows sharing the serial
interface with other devices. If CSADC is LOW during the
convert or sleep state, SDO will output EOC. If CSADC is
LOW during the conversion phase, the EOC bit appears
HIGH on the SDO pin. Once the conversion is complete,
EOC goes LOW. The device remains in the sleep state until
the first rising edge of SCK occurs while CSADC = 0.
ADC Chip Select Input (CSADC)
The active LOW chip select, CSADC (Pin 23), is used to test
the conversion status and to enable the data output
transfer as described in the previous sections.
In addition, the CSADC signal can be used to trigger a new
conversion cycle before the entire serial data transfer has
been completed. The LTC2404/LTC2408 will abort any
serial data transfer in progress and start a new conversion
cycle anytime a LOW-to-HIGH transition is detected at the
CSADC pin after the converter has entered the data output
state (i.e., after the first rising edge of SCK occurs with
CSADC = 0).
Multiplexer Chip Select (CSMUX)
For 4-wire operation, this pin is tied directly to CSADC or
the output of an inverter tied to CSADC. CSMUX (Pin 20)
is driven HIGH during selection of a multiplexer channel.
On the falling edge of CSMUX, the selected channel is
enabled and drives MUXOUT.
Data Input (DIN)
The data input to the multiplexer, DIN (Pin 21), is used to
program the multiplexer. The input channel is selected by
serially shifting a 4-bit input word into the DIN pin under
the control of the multiplexer clock, CLK. Data is shifted
into the multiplexer on the rising edge of CLK. Table 3
shows the logic table for channel selection. In order to
select or change a previously programmed channel, an
enable bit (DIN = 1) must proceed the 3-bit channel select
serial data. The user may set DIN = 0 to continually convert
on the previously selected channel.
SERIAL INTERFACE TIMING MODES
The LTC2404/LTC2408’s 4-wire interface is SPI and
MICROWIRE compatible. This interface offers two modes
of operation. These include an internal or external serial
clock. The following sections describe both of these serial
interface timing modes in detail. For both cases the
converter can use the internal oscillator (FO = LOW or FO
= HIGH) or an external oscillator connected to the FO pin.
Refer to Table 5 for a summary.
External Serial Clock (SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock (SCK) to
shift out the conversion result, see Figure 7. This same
external clock signal drives the CLK pin in order to pro-
gram the multiplexer. A single CS signal drives both the
multiplexer CSMUX and converter CSADC inputs. This
common signal is used to monitor and control the state of
the conversion as well as enable the channel selection.
The serial clock mode is selected on the falling edge of
CSADC. To select the external serial clock mode, the serial
clock pin (SCK) must be LOW during each CSADC falling
edge.
The serial data output pin (SDO) is HI-Z as long as CSADC
is HIGH. At any time during the conversion cycle, CSADC
may be pulled LOW in order to monitor the state of the
converter. While CSADC is LOW, EOC is output to the SDO
pin. EOC = 1 while a conversion is in progress and EOC =
0 if the device is in the sleep state. Independent of CSADC,
the device automatically enters the low power sleep state
once the conversion is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com