Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology LTC485 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC485
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Receiver Output Low Voltage
vs Temperature
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
75
0.9
LTC485 • TPC03
0.2
0
125
0.6
0.7
0.8
–25
25
50
100
I = 8mA
Driver Differential Output Voltage
vs Output Current
OUTPUT VOLTAGE (V)
0
0
8
24
32
40
2
72
LTC485 • TPC05
16
13
48
56
64
4
TA = 25°C
Driver Differential Output Voltage
vs Temperature
TEMPERATURE (°C)
–50
1.5
1.6
1.8
1.9
2.0
75
2.4
LTC485 • TPC06
1.7
0
125
2.1
2.2
2.3
–25
25
50
100
RI = 54
Ω
Driver Output Low Voltage
vs Output Current
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
2
90
LTC485 • TPC07
20
13
60
70
80
4
TA = 25°C
Driver Output High Voltage
vs Output Current
OUTPUT VOLTAGE (V)
0
0
–12
–36
–48
–60
2
–108
LTC485 • TPC08
–24
13
–72
–84
–96
4
TA = 25°C
TTL Input Threshold
vs Temperature
TEMPERATURE (°C)
–50
1.55
1.56
1.58
1.59
1.60
75
1.64
LTC485 • TPC09
1.57
0
125
1.61
1.62
1.63
–25
25
50
100
Driver Skew vs Temperature
Receiver
tPLH – tPHL
vs Temperature
TEMPERATURE (°C)
–50
3.0
3.5
4.5
5.0
5.5
75
7.5
LTC485 • TPC10
4.0
0
125
6.0
6.5
7.0
–25
25
50
100
TEMPERATURE (°C)
–50
0
0.6
1.8
2.4
3.0
75
5.4
LTC485 • TPC11
1.2
0
125
3.6
4.2
4.8
–25
25
50
100
Supply Current vs Temperature
TEMPERATURE (°C)
–50
100
160
280
340
400
75
640
LTC485 • TPC12
220
0
125
460
520
580
–25
25
50
100
DRIVER ENABLED
DRIVER DISABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com