Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED405 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED405
Description  LED405-30M32 is an InGaN LED mounted on TO-18 stem with ball glass lens
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED405 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED405 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17.08.2010
led405_30m32.doc
1 of 1
LED405-30M32 stem type LED with ball lens
LED405-30M32 is an InGaN LED mounted on TO-18 stem with ball glass lens,
being designed for sensing devices.
On forward bias it emits a spectral band of radiation, which peaks at 405 nm.
Features
Outer dimensions Unit:mm
1) High Power
2) High Reliability
Specifications
1) Product Name
LED Lamp
2) Type No.
LED405-30M32
3) Chip Spec.
(1) Material
InGaN
(2) Peak Wavelength 405nm
4) Package
(1) Type
TO-18 stem
(2) Lens
Ball Glass Lens
Absolute Maximum Ratings
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
120
mW
Ta=25°C
Forward Current
IF
30
mA
Ta=25°C
Pulse Forward Current
IFP
100
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
‡
Pulse Forward Current condition: Duty=1% and Pulse Width=10us.
‡
Soldering condition: Soldering condition must be completed within 3 seconds at 260°
Electro-Optical Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=20mA
3.8
4.3
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=20mA
0.3
0.8
mW
Brightness
IV
IF=20mA
10
20
mcd
Radiant Intensity
IE
IF=20mA
5
15
mW/sr
Peak Wavelength
λP
IF=20mA
395
405
415
nm
Half Width
Δλ
IF=20mA
15
nm
Viewing Half Angle
θ 1/2
IF=20mA
±10
deg.
‡
Total Radiated Power is measured by Photodyne #500
‡
Radiant Intensity is measured by Tektronix J-6512


Similar Part No. - LED405

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
High Reliability
LED405-66-60-110 ROITHNER-LED405-66-60-110 Datasheet
122Kb / 2P
High Power LED Array
More results

Similar Description - LED405

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B3B-443-B525 ROITHNER-B3B-443-B525 Datasheet
264Kb / 4P
B3B-443-B525 is a InGaN LED mounted on a lead frame with a clear epoxy lens
B5-433-B505 ROITHNER-B5-433-B505 Datasheet
189Kb / 4P
B5-433-B505 is a InGaN LED mounted on a lead frame with a clear epoxy lens
B5B-433-014 ROITHNER-B5B-433-014 Datasheet
213Kb / 4P
B5B-433-014 is a GaP LED mounted on a lead frame with a clear epoxy lens
B5B-433-B505 ROITHNER-B5B-433-B505 Datasheet
216Kb / 2P
B5B-433-B505 is a InGaN LED mounted on a lead frame with a clear epoxy lens
B5B-437-CV ROITHNER-B5B-437-CV Datasheet
265Kb / 4P
B5B-437-CV is a InGaN LED mounted on a lead frame with a clear epoxy lens
B5B-437-IX ROITHNER-B5B-437-IX Datasheet
189Kb / 4P
B5B-437-IX is a InGaN LED mounted on a lead frame with a clear epoxy lens
LED395 ROITHNER-LED395 Datasheet
837Kb / 9P
This series of LED395-xx is an InGaN LED mounted on a lead frame with a clear epoxy lens
LED435-30M32 ROITHNER-LED435-30M32 Datasheet
55Kb / 1P
stem type LED with ball lens
logo
Micropac Industries
66217 MICROPAC-66217 Datasheet
69Kb / 2P
Fiberoptic LED with internal ball lens
66219 MICROPAC-66219 Datasheet
108Kb / 2P
Fiberoptic LED with internal ball lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com