Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED435-30M32 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED435-30M32
Description  stem type LED with ball lens
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED435-30M32 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED435-30M32 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17.08.2010
led435_30m32.doc
1 of 1
LED435-30M32
stem type LED with ball lens
LED435-30M32 is an InGaN LED mounted on TO-18 stem with ball glass lens,
being designed for sensing applications.
On forward bias it emits a spectral band of radiation,
which peaks at 435 nm.
Features
High Power
High Reliability
Specifications
Product Name
LED Lamp
Type No.
LED435-30M32
Chip Spec.
Material
InGaN
Peak Wavelength
435 nm
Package
Type
TO-18 stem
Lens
Ball Glass Lens
Absolute Maximum Ratings
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
120
mW
Ta = 25°C
Forward Current
IF
30
mA
Ta = 25°C
Pulse Forward Current
IFP
100
mA
Ta = 25°C
Reverse Voltage
VR
5
V
Ta = 25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
‡Pulse Forward Current condition: Duty = 1% and Pulse Width = 10µs
‡Soldering condition: Soldering condition must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
3.2
3.3
3.4
V
Reverse Current
IR
VR = 5 V
10
µA
Total Radiated Power
PO
IF = 20 mA
2.1
2.2
2.3
mW
Brightness
IV
IF = 20 mA
-
-
-
mcd
Radiant Intensity
IE
IF = 20 mA
-
-
-
mW/sr
Peak Wavelength
λP
IF = 20 mA
430
435
440
nm
Spectrum Half Width
Δλ
IF = 20 mA
15
nm
Viewing Half Angle
2
θ1/2
IF = 20 mA
±10
deg.
‡Total Radiated Power is measured by Photodyne #500
‡Radiant Intensity is measured by Tektronix J-6512


Similar Part No. - LED435-30M32

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED435-66-60 ROITHNER-LED435-66-60 Datasheet
219Kb / 1P
epoxy lens type blue color illuminator
More results

Similar Description - LED435-30M32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED1200-35M32 ETC1-LED1200-35M32 Datasheet
70Kb / 1P
Stem type LED with high output powe
logo
Roithner LaserTechnik G...
LED405 ROITHNER-LED405 Datasheet
117Kb / 1P
LED405-30M32 is an InGaN LED mounted on TO-18 stem with ball glass lens
logo
Micropac Industries
66217 MICROPAC-66217 Datasheet
69Kb / 2P
Fiberoptic LED with internal ball lens
66219 MICROPAC-66219 Datasheet
108Kb / 2P
Fiberoptic LED with internal ball lens
logo
Rohm
CSL0901 ROHM-CSL0901 Datasheet
1Mb / 8P
Lens Type LED
logo
LUMEX INC.
SL-LX203CSIT LUMEX-SL-LX203CSIT Datasheet
273Kb / 1P
T-2 CREAMIC STEM LED, 635nm RED LED, RED TRANSPARENT LENS
SSL-LX203CSRT LUMEX-SSL-LX203CSRT Datasheet
273Kb / 1P
T-2 CREAMIC STEM LED, 640nm RED LED, RED TRANSPARENT LENS
SSL-LX203CSYT LUMEX-SSL-LX203CSYT Datasheet
273Kb / 1P
T-2 CREAMIC STEM LED, 590nm YELLOW LED, YELLOW TRANSPARENT LENS
SSL-LX203CUPGT LUMEX-SSL-LX203CUPGT Datasheet
270Kb / 1P
T-2 CREAMIC STEM LED, 520nm GREEN LED, GREEN TRANSPARENT LENS
logo
BELIMO AIRCONTROLS (USA...
B207 BELIMO-B207 Datasheet
434Kb / 3P
Stainless Steel Ball and Stem
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com