Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED490 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED490
Description  Visible LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED490 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED490 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED490 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED490 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
07.10.2014
LED490-series
2 of 3
Type
Viewing Half
Angle
Outer
Dimension
Dimension
Figure
LED490-01
±9°
Ø 5
1
LED490-02
±4°
Ø 5
2
LED490-03
±12°
Ø 5
3
LED490-04
±20°
Ø 5
4
LED490-05
±30°
Ø 5
5
LED490-06
±7°
Ø 5
6
LED490-09
±18° (long)
Ø 5
7
±14° (short)
Oval
LED490-31
Ø 3
8
LED490-33
±16°
Ø 3
9
LED490-34
Ø 3
10
LED490-36
±32°
Ø 3
11
LED490-41
Ø 4
12
LED490-42
Ø 4
13
* Brightness is measured by Tektronix J-16
* Total Radiated Power is measured by Photodyne #500
The above specifications are for reference purpose only and subjected to change without prior notice.
Precaution for Use
1. Cautions
• DO NOT look directly into the emitted light or look through the optical system. To prevent in
adequate exposure of the radiation, wear protective glasses.
2. Lead Forming
• When forming leads, the leads should be bent at a point at least 3 mm from the base of the
lead. DO NOT use the base of the leadframe as a fulcrum during lead forming.
• Lead forming should be done before soldering.
• DO NOT apply any bending stress to the base of the lead. The stress to the base may
damage the LED’s characteristics or it may break the LEDs.
• When mounted the LEDs onto the printed circuit board, the holes on the circuit board should
be exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads, it
causes deterioration of the lead and it will degrade the LEDs.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com