Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED570-06 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED570-06
Description  yellow led
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED570-06 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED570-06 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED570-06 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED570-06 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED570-06 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
LED570-06
v 1.1 27.11.2014
Description
LED570-06 contains a AlGaInP LED mounted on a lead frame hermetically sealed with a clear epoxy
lens.
On forward bias, it emits a power radiation of typical 0.6 mW at a peak wavelength at 570 nm.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
120
mW
Forward Current
IF
20
mA
Pulse Forward Current *
1
IFP
100
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
300
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 85
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by CIE127-2007 Condition B
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=20mA
560
570
580
nm
Half Width
∆λ
IF=20mA
15
nm
Forward Voltage
VF
IF=20mA
2.1
2.3
V
VFP
IFP=100mA
2.4
Radiated Power *
1
PO
IF=20mA
0.6
mW
IFP=100mA
3.8
Radiant Intensity *
2
IE
IF=20mA
5.5
mW/sr
IFP=100mA
35
Brightness
IV
IF=20mA
7.8
cd
Viewing Angle
φ
IF=100mA
6
deg.
Rise Time
tR
IF=20mA
70
ns
Fall Time
tF
IF=20mA
65
ns


Similar Part No. - LED570-06

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED570-03 ROITHNER-LED570-03 Datasheet
161Kb / 3P
Visible LED
More results

Similar Description - LED570-06

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A Datasheet
142Kb / 9P
Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
Yellow & Yellow Green LED
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A Datasheet
147Kb / 9P
Yellow & Yellow Green LED
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A_15 Datasheet
146Kb / 9P
Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A_15 Datasheet
149Kb / 9P
Yellow & Yellow Green LED
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
Yellow & Yellow Green LED
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A_15 Datasheet
149Kb / 9P
Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
Yellow & Yellow Green LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com