Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC488 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC488
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488 Datasheet(HTML) 4 Page - Linear Technology

  LTC488 Datasheet HTML 1Page - Linear Technology LTC488 Datasheet HTML 2Page - Linear Technology LTC488 Datasheet HTML 3Page - Linear Technology LTC488 Datasheet HTML 4Page - Linear Technology LTC488 Datasheet HTML 5Page - Linear Technology LTC488 Datasheet HTML 6Page - Linear Technology LTC488 Datasheet HTML 7Page - Linear Technology LTC488 Datasheet HTML 8Page - Linear Technology LTC488 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC488/LTC489
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
PI FU CTIO S
B3 (Pin 9) Receiver 3 Input.
A3 (Pin 10) Receiver 3 Input.
RO3 (Pin 11) Receiver 3 Output. Refer to RO1.
EN (Pin 12)(LTC488) Receiver Output Disabled. See
Function Table for details.
EN34 (Pin 12)(LTC489) Receiver 3, Receiver 4 output
enabled. See Function Table for details.
RO4 (Pin 13) Receiver 4 Output. Refer to RO1.
A4 (Pin 14) Receiver 4 Input.
B4 (Pin 15) Receiver 4 Input.
VCC (Pin 16) Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
B 1 (Pin 1) Receiver 1 Input.
A1 (Pin 2) Receiver 1 Input.
RO1 (Pin 3) Receiver 1 Output. If the receiver output is
enabled, then if A > B by 200mV, RO1 will be high. If
A < B by 200mV, then RO1 will be low.
EN (Pin 4) (LTC488) Receiver Output Enabled. See
Function Table for details.
EN12 (Pin 4) (LTC489) Receiver 1, Receiver 2 Output
Enabled. See Function Table for details.
RO2 (Pin 5) Receiver 2 Output. Refer to RO1.
A2 (Pin 6) Receiver 2 Input.
B2 (Pin 7) Receiver 2 Input.
GND (Pin 8) Ground Connection.
TEMPERATURE (°C)
–50
5.4
6.2
50
488 G07
5.8
–25
125
6.6
7.0
0
25
75
100
Supply Current vs Temperature
TEMPERATURE (°C)
–50
1
3
50
488 G06
2
–25
125
4
5
0
25
75
100
TEMPERATURE (°C)
–50
1.55
1.59
50
488 G05
1.57
–25
125
1.61
1.63
0
25
75
100
TTL Input Threshold vs
Temperature
Receiver
| tPLH – tPHL| vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com