Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC487CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC487CS
Description  Quad Low Power RS485 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC487CS Datasheet(HTML) 1 Page - Linear Technology

  LTC487CS Datasheet HTML 1Page - Linear Technology LTC487CS Datasheet HTML 2Page - Linear Technology LTC487CS Datasheet HTML 3Page - Linear Technology LTC487CS Datasheet HTML 4Page - Linear Technology LTC487CS Datasheet HTML 5Page - Linear Technology LTC487CS Datasheet HTML 6Page - Linear Technology LTC487CS Datasheet HTML 7Page - Linear Technology LTC487CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC487
Quad Low Power
RS485 Driver
DESCRIPTIO
2
DRIVER
LTC487 • TA01
RECEIVER
DI
EN 12
4
3
1
1/4 LTC487
120
Ω
120
Ω
RO
3
EN 12
4
2
1
1/4 LTC489
4000 FT BELDEN 9841
s
Very Low Power: ICC = 110µA Typ
s
Designed for RS485 or RS422 Applications
s
Single 5V Supply
s
– 7V to 12V Bus Common-Mode Range Permits
±7V GND Difference Between Devices on the Bus
s
Thermal Shutdown Protection
s
Power-Up/Down Glitch-Free Driver Outputs Permit
Live Insertion/Removal of Package
s
Driver Maintains High Impedance in Three-State or
with the Power Off
s
28ns Typical Driver Propagation Delays with
5ns Skew
s
Pin Compatible with the SN75174, DS96174,
µA96174, and DS96F174
S
FEATURE
The LTC487
® is a low power differential bus/line driver
designed for multipoint data transmission standard RS485
applications with extended common-mode range (– 7V to
12V). It also meets RS422 requirements.
The CMOS design offers significant power savings over its
bipolar counterpart without sacrificing ruggedness against
overload or ESD damage.
The driver features three-state outputs, with the driver
outputs maintaining high impedance over the entire com-
mon-mode range. Excessive power dissipation caused by
bus contention or faults is prevented by a thermal shut-
down circuit which forces the driver outputs into a high
impedance state.
Both AC and DC specifications are guaranteed from 0
°C to
70
°C (Commercial), –40°C to 85°C (Industrial) and over
the 4.75V to 5.25V supply voltage range.
s
Low Power RS485/RS422 Drivers
s
Level Translator
S
APPLICATI
APPLICATI
TYPICAL
DATA RATE (bps)
10k
10
100
1k
10k
100k
1M
10M
LTC487 • TA09
2.5M
* APPLIES FOR 24 GAUGE, POLYETHYLENE
DIELECTRIC TWISTED PAIR
and LTC are registered trademarks and LT is a trademark of Linear Technology Corporation.
RS485 Cable Length Specification*


Similar Part No. - LTC487CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC487CSW LINER-LTC487CSW Datasheet
113Kb / 8P
Quad Low Power RS485 Driver
More results

Similar Description - LTC487CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
Low Power Quad Driver
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
Low Power Quad Driver
logo
Linear Technology
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
Quad Low Power Line Driver
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
Quad Low Power Line Driver?
LTC486 LINER-LTC486 Datasheet
227Kb / 8P
Quad Low Power RS485 Driver
LTC486 LINER-LTC486_05 Datasheet
113Kb / 8P
Quad Low Power RS485 Driver
LTC487 LINER-LTC487_05 Datasheet
113Kb / 8P
Quad Low Power RS485 Driver
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
Quad Low Power Line Driver
LTC486 LINER-LTC486_15 Datasheet
797Kb / 14P
Quad Low Power RS485 Driver
LTC487 LINER-LTC487_15 Datasheet
178Kb / 12P
Quad Low Power RS485 Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com