Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2428CG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2428CG
Description  4-/8-Channel 20-Bit uPower No Latency ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2428CG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2428CG Datasheet HTML 17Page - Linear Technology LTC2428CG Datasheet HTML 18Page - Linear Technology LTC2428CG Datasheet HTML 19Page - Linear Technology LTC2428CG Datasheet HTML 20Page - Linear Technology LTC2428CG Datasheet HTML 21Page - Linear Technology LTC2428CG Datasheet HTML 22Page - Linear Technology LTC2428CG Datasheet HTML 23Page - Linear Technology LTC2428CG Datasheet HTML 24Page - Linear Technology LTC2428CG Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC2424/LTC2428
APPLICATIONS INFORMATION
where CSADC remains LOW after detecting EOC = 0. This
situation is easily avoided by adding an external 10k pull-
up resistor to the SCK pin.
DIGITAL SIGNAL LEVELS
The LTC2424/LTC2428’s digital interface is easy to use.
Its digital inputs (FO, CSADC, CSMUX, CLK, DIN and SCK
in External SCK mode of operation) accept standard TTL/
CMOS logic levels and can tolerate edge rates as slow as
100
µs.However,someconsiderationsarerequiredtotake
advantage of exceptional accuracy and low supply current.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
In order to preserve the accuracy of the LTC2424/LTC2428,
it is very important to minimize the ground path imped-
ance which may appear in series with the input and/or
reference signal and to reduce the current which may flow
through this path. The ZSSET pin (Pin 6) should be con-
nected directly to the signal ground.
The power supply current during the conversion state
should be kept to a minimum. This is achieved by restrict-
ing the number of digital signal transitions occurring
during this period.
While a digital input signal is in the 0.5V to (VCC – 0.5V)
range, the CMOS input receiver draws additional current
from the power supply. It should be noted that, when any
one of the digital input signals (FO, CSADC, CSMUX, DIN,
CLK and SCK in External SCK mode of operation) is within
this range, the LTC2424/LTC2428 power supply current
may increase even if the signal in question is at a valid logic
level. For micropower operation and in order to minimize
the potential errors due to additional ground pin current,
it is recommended to drive all digital input signals to full
CMOS levels [VIL < 0.4V and VOH > (VCC – 0.4V)].
Severe ground pin current disturbances can also occur
due to the undershoot of fast digital input signals. Under-
shoot and overshoot can occur because of the imped-
ance mismatch at the converter pin when the transition
time of an external control signal is less than twice the
propagation delay from the driver to LTC2424/LTC2428.
For reference, on a regular FR-4 board, signal propaga-
tion velocity is approximately 183ps/inch for internal
traces and 170ps/inch for surface traces. Thus, a driver
generating a control signal with a minimum transition
time of 1ns must be connected to the converter pin
through a trace shorter than 2.5 inches. This problem
becomes particularly difficult when shared control lines
are used and multiple reflections may occur. The solution
is to carefully terminate all transmission lines close to
their characteristic impedance.
Parallel termination near the LTC2424/LTC2428 input
pins will eliminate this problem but will increase the driver
power dissipation. A series resistor between 27
Ωand56Ω
placed near the driver or near the LTC2424/LTC2428 pin
will also eliminate this problem without additional power
dissipation. The actual resistor value depends upon the
trace impedance and connection topology.
Driving the Input and Reference
The analog input and reference of the typical delta-sigma
analog-to-digital converter are applied to a switched ca-
pacitor network. This network consists of capacitors switch-
ing between the analog input (ADCIN), ZSSET (Pin 6) and
the reference (FSSET). The result is small current spikes
seen at both ADCIN and VREF. A simplified input equivalent
circuit is shown in Figure 18.
The key to understanding the effects of this dynamic input
current is based on a simple first order RC time constant
model. Using the internal oscillator, the internal switched
capacitor network of the LTC2424/LTC2428 is clocked at
153,600Hz corresponding to a 6.5
µs sampling period.
Fourteen time constants are required each time a capacitor
is switched in order to achieve 1ppm settling accuracy.
Therefore, the equivalent time constant at VIN and VREF
should be less than 6.5
µs/14 = 460ns in order to achieve
1ppm accuracy.
Input Current (VIN)
If complete settling occurs on the input, conversion re-
sults will be unaffected by the dynamic input current. If the
settling is incomplete, it does not degrade the linearity
performance of the device. It simply results in an offset/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com