Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC690 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC690
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC690 Datasheet HTML 4Page - Linear Technology LTC690 Datasheet HTML 5Page - Linear Technology LTC690 Datasheet HTML 6Page - Linear Technology LTC690 Datasheet HTML 7Page - Linear Technology LTC690 Datasheet HTML 8Page - Linear Technology LTC690 Datasheet HTML 9Page - Linear Technology LTC690 Datasheet HTML 10Page - Linear Technology LTC690 Datasheet HTML 11Page - Linear Technology LTC690 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC690/LTC691
LTC694/LTC695
S
APPLICATI
I FOR ATIO
the reset voltage threshold, LOW LINE goes low. LOW
LINE returns high as soon as VCC rises above the reset
voltage threshold.
Battery Switchover
The battery switchover circuit compares VCC to the VBATT
input, and connects VOUT to whichever is higher. When
VCC rises to 70mV above VBATT, the battery switchover
comparator, C2, connects VOUT to VCC through a charge
pumped NMOS power switch, M1. When VCC falls to
50mV above VBATT, C2 connects VOUT to VBATT through a
PMOS switch, M2. C2 has typically 20mV of hysteresis to
prevent spurious switching when VCC remains nearly
equal to VBATT. The response time of C2 is approximately
20
µs.
During normal operation, the LTC690 family uses a charge
pumped NMOS power switch to achieve low dropout and
low supply current. This power switch can deliver up to
50mA to VOUT from VCC and has a typical on resistance of
5
Ω. The VOUT pin should be bypassed with a capacitor of
0.1
µF or greater to ensure stability. Use of a larger bypass
capacitor is advantageous for supplying current to heavy
transient loads.
When operating currents larger than 50mA are required
from VOUT, or a lower dropout (VCC-VOUT voltage differen-
tial) is desired, the LTC691 and LTC695 should be used.
These products provide BATT ON output to drive the base
Microprocessor Reset
The LTC690 family uses a bandgap voltage reference and
a precision voltage comparator C1 to monitor the 5V
supply input on VCC (see Block Diagram). When VCC falls
below the reset voltage threshold, the RESET output is
forced to active low state. The reset voltage threshold
accounts for a 5% variation on VCC, so the RESET output
becomes active low when VCC falls below 4.75V (4.65V
typical). On power-up, the RESET signal is held active low
for a minimum of 35ms for the LTC690/LTC691 (140ms
for the LTC694/LTC695) after reset voltage threshold is
reached to allow the power supply and microprocessor to
stabilize. The reset active time is adjustable on the LTC691/
LTC695. On power-down, the RESET signal remains ac-
tive low even with VCC as low as 1V. This capability helps
hold the microprocessor in stable shutdown condition.
Figure 1 shows the timing diagram of the RESET signal.
The precision voltage comparator, C1, typically has 40mV
of hysteresis which ensures that glitches at VCC pin do not
activate the RESET output. Response time is typically
10
µs.Tohelppreventmistriggeringduetotransientloads,
VCC pin should be bypassed with a 0.1µF capacitor with the
leads trimmed as short as possible.
The LTC691 and LTC695 have two additional outputs:
RESET and LOW LINE. RESET is an active high output and
is the inverse of RESET. LOW LINE is the output of the
precision voltage comparator C1. When VCC falls below
VCC
t1
t1 = RESET ACTIVE TIME
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
t1
V2
V2
V1
V1
690 F01
RESET
LOW LINE
Figure 1. Reset Active Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com