Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC699 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC699
Description  Microprocessor Supervisory Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC699 Datasheet(HTML) 2 Page - Linear Technology

  LTC699 Datasheet HTML 1Page - Linear Technology LTC699 Datasheet HTML 2Page - Linear Technology LTC699 Datasheet HTML 3Page - Linear Technology LTC699 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LTC699
A
G
A
U
A
R
BSOLUTEXI
TI
S
Terminal Voltage
VCC ................................................... –0.3V to 6.0V
WDI Input .............................. – 0.3V to VCC + 0.3V
RESET Output ...................................... – 0.3V to 6V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC699C .............................................. 0
°C to 70°C
LTC699I ........................................... –40
°C to 85°C
Storage Temperature Range ................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
1
2
3
4
5
6
7
8
TOP VIEW
WDI
VCC
VCC
GND
GND
LTC699
NC
RESET
N8 PACKAGE
8-LEAD PLASTIC DIP
GND
1
2
3
4
5
6
7
8
TOP VIEW
GND
VCC
VCC
NC
GND
GND
S8 PACKAGE
8-LEAD PLASTIC SOIC
WDI
RESET
LTC699
LTC699CN8
LTC699IN8
LTC699CS8
LTC699IS8
ORDER PART
NUMBER
(Notes 1 and 2)
PACKAGE/ORDER I FOR ATIO
PARAMETER
CONDITONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
q
3.0
5.5
V
Supply Current
0.6
1.5
mA
q
0.6
2.5
Power Down Reset Assertion
q
4.5
4.65
4.75
V
Power Up Reset De-Assertion
q
4.75
V
Reset Threshold Hysteresis
40
mV
Reset Active Time
160
200
240
ms
q
140
200
280
Watchdog Time-out Period
1.2
1.6
2.0
sec
q
1.0
1.6
2.25
Reset Active Time PSRR
1
ms/V
Watchdog Time-out Period PSRR
8
ms/V
Minimum WDI Input Pulse Width
VIL = 0.4, V VIH = 3.5V
q
200
ns
RESET output Voltage at VCC = 1V (Note 3)
ISINK = 10µA, VCC = 1V
4
200
mV
RESET output Voltage
ISINK = 1.6mA, VCC = 4.25V
0.4
V
RESET Output Short Circuit Current
Output Sink Current
25
mA
WDI Input Threshold
Logic Low
0.8
V
Logic High
2.0
WDI Input Current
WDI = VOUT
q
450
µA
WDI = 0V
q
–50
–8
VCC = +5V, TA = 25°C, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
Note 2: All voltage values are with respect to GND.
Note 3: RESET is active low, open drain output.
The q denotes specifications which apply over the operating temperature
range.
Note 1: Absolute maximum ratings are those values beyond which the life
of device may be impaired.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com