Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC488IS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC488IS
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488IS Datasheet(HTML) 2 Page - Linear Technology

  LTC488IS Datasheet HTML 1Page - Linear Technology LTC488IS Datasheet HTML 2Page - Linear Technology LTC488IS Datasheet HTML 3Page - Linear Technology LTC488IS Datasheet HTML 4Page - Linear Technology LTC488IS Datasheet HTML 5Page - Linear Technology LTC488IS Datasheet HTML 6Page - Linear Technology LTC488IS Datasheet HTML 7Page - Linear Technology LTC488IS Datasheet HTML 8Page - Linear Technology LTC488IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC488/LTC489
A
G
A
U
A
R
BSOLUTEXI
TI
S (Note 1)
Supply Voltage (VCC) .............................................. 12V
Control Input Currents ........................ – 25mA to 25mA
Control Input Voltages ................ – 0.5V to (VCC + 0.5V)
Receiver Input Voltages ........................................
±14V
Receiver Output Voltages ........... – 0.5V to (VCC + 0.5V)
Operating Temperature Range
LTC488C/LTC489C ................................. 0
°C to 70°C
LTC488I/LTC489I .............................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 70°C/W (N PKG)
TJMAX = 150°C, θJA = 90°C/W (S PKG)
LTC488CN
LTC488CS
LTC488IN
LTC488IS
LTC489CN
LTC489CS
LTC489IN
LTC489IS
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
S PACKAGE
16-LEAD PLASTIC SOL
16
15
14
13
12
11
10
9
B1
A1
RO1
EN12
RO2
A2
B2
GND
VCC
B4
A4
RO4
EN34
RO3
A3
B3
R
R
R
R
TJMAX = 150°C, θJA = 70°C/W (N PKG)
TJMAX = 150°C, θJA = 90°C/W (S PKG)
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
S PACKAGE
16-LEAD PLASTIC SOL
16
15
14
13
12
11
10
9
B1
A1
RO1
EN
RO2
A2
B2
GND
VCC
B4
A4
RO4
EN
RO3
A3
B3
R
R
R
R
VCC = 5V (Notes 2, 3), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINH
Input High Voltage
EN, EN, EN12, EN34
q
2.0
V
VINL
Input Low Voltage
EN, EN, EN12, EN34
q
0.8
V
IIN1
Input Current
EN, EN, EN12, EN34
q
±2
µA
IIN2
Input Current (A, B)
VCC = 0V or 5.25V, VIN = 12V
q
1.0
mA
VCC = 0V or 5.25V, VIN = – 7V
q
– 0.8
mA
VTH
Differential Input Threshold Voltage for Receiver
– 7V
≤ VCM ≤ 12V
q
– 0.2
0.2
V
∆VTH
Receiver Input Hysteresis
VCM = 0V
60
mV
VOH
Receiver Output High Voltage
IO = – 4mA, VID = 0.2V
q
3.5
V
VOL
Receiver Output Low Voltage
IO = 4mA, VID = – 0.2V
q
0.4
V
IOZR
Three-State Output Current at Receiver
VCC = Max 0.4V ≤ VO ≤ 2.4V
q
±1
µA
ICC
Supply Current
No Load, Digital Pins = GND or VCC
q
710
mA
RIN
Receiver Input Resistance
– 7V
≤ VCM ≤ 12V, VCC = 0V
q
12
k
Ω
IOSR
Receiver Short-Circuit Current
0V
≤ VO ≤ VCC
q
785
mA
tPLH
Receiver Input to Output
CL = 15pF (Figures 1, 3)
q
12
28
55
ns
tPHL
Receiver Input to Output
CL = 15pF (Figures 1, 3)
q
12
28
55
ns
tSKD
| tPLH – tPHL |CL = 15pF (Figures 1, 3)
4
ns
Differential Receiver Skew
ELECTRICAL C
C
HARA TERISTICS
C
D
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com