Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7543GKSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC7543GKSW
Description  Improved Industry Standard Serial 12-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7543GKSW Datasheet(HTML) 8 Page - Linear Technology

  LTC7543GKSW Datasheet HTML 1Page - Linear Technology LTC7543GKSW Datasheet HTML 2Page - Linear Technology LTC7543GKSW Datasheet HTML 3Page - Linear Technology LTC7543GKSW Datasheet HTML 4Page - Linear Technology LTC7543GKSW Datasheet HTML 5Page - Linear Technology LTC7543GKSW Datasheet HTML 6Page - Linear Technology LTC7543GKSW Datasheet HTML 7Page - Linear Technology LTC7543GKSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC7543/LTC8143
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0695 10K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1995
PACKAGE DESCRIPTION Dimension in inches (millimeters) unless otherwise noted.
N Package
16-Lead Plastic DIP
N16 0694
0.255
± 0.015*
(6.477
± 0.381)
0.770*
(19.558)
MAX
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.045
± 0.015
(1.143
± 0.381)
0.100
± 0.010
(2.540
± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTURSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm).
S Package
16-Lead Plastic SOL
SOL16 0392
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
NOTE 1
0.398 – 0.413
(10.109 – 10.490)
(NOTE 2)
16
15
14
13
12
11
10
9
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.005
(0.127)
RAD MIN
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
(NOTE 2)
× 45°
0.010 – 0.029
(0.254 – 0.737)
2. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1257
Complete Serial I/O VOUT 12-Bit DAC
5V to 15V Single Supply in 8-Pin SO and PDIP
LTC1451/LTC1452/LTC1453
Complete Serial I/O VOUT 12-Bit DACs
3V/5V Single Supply in 8-Pin SO and PDIP
LTC7541A
Parallel I/O Mulitplying 12-Bit DAC
12-Bit Wide Input
LTC8043
Serial Mulitplying 12-Bit DAC
8-Pin SO and PDIP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com