Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4PPLK Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # C4PPLK
Description  Mini-Com Recessed Modular Faceplate Patch Panels
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C4PPLK Datasheet(HTML) 1 Page - PANDUIT CORP.

  C4PPLK Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Mini-Com ® Recessed Modular Faceplate Patch Panels
• 3" recessed feature eliminates patch cord interference
with cabinet doors and improves bend radius protection
• Release snap feature on faceplate allows front access
to installed modules
• Accept Mini-Com ® Modules for UTP, fiber optic,
and audio/video, which snap in and out for easy moves,
adds, and changes
• Labels included for easy port identification, replacement
label/label covers available
• Mount to standard EIA 19" racks or 23" racks with
optional extender brackets
CPPL48WRBLY
^One rack space = 1.75" (44.45mm).
M6 and #12-24 mounting screws included.
Part Number
Part Description
No. of
Rack
Spaces^
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CPPL24WRBLY 24-port recessed patch panel with labels, supplied with six
factory installed CFFPL4 type front removable snap-in
faceplates. Designed for use with racks and cabinets.
11
10
CPPL48WRBLY 48-port recessed patch panel with labels, supplied with
twelve factory installed CFFPL4 type front removable
snap-in faceplates. Designed for use with racks
and cabinets.
21
10
C4PPLK
Replacement label/label cover kit for Mini-Com ®
Modular Patch Panels with Labels (CPPL24WBLY,
CPPL48WBLY, CPPL24WRBLY, CPPL48WRBLY) and
Mini-Com ® Modular Furniture Faceplates with Labels
(CFFPL4, CFPHSL4, CFFPEBSL4). Each kit contains
six labels and six clear label covers per bag.
—1
10
CPPL24WRBLY
Component Labels for Mini-Com ® Recessed Modular Faceplate
Patch Panels
For complete labeling solutions and product information, reference charts on pages O.1 – O.22
of SA-NCCB51.
‡For non-adhesive labeling solution, do not remove liner from label.
C4PPLK
Suggested Label Solutions for TIA/EIA-606-A Compliance
Patch Panel
Part Number
Laser/Ink Jet Desktop
Printer Label
TDP43ME Thermal Transfer
Desktop Printer Label
PanTher ™ LS8E
Hand-Held Printer Label
Cougar ™ LS9
Hand-Held Printer Label
CPPL24WRBLY
CPPL48WRBLY
C261X035Y1J
C261X035Y1T
C261X035Y1C
T038X000FJC-BK‡


Similar Part No. - C4PPLK

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C4PPLK PANDUIT-C4PPLK Datasheet
531Kb / 3P
OUTLETS
2022/2/28
More results

Similar Description - C4PPLK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1711278-1 MACOM-1711278-1 Datasheet
83Kb / 1P
Shielded Patch Panels
logo
PANDUIT CORP.
CFPE6XXY PANDUIT-CFPE6XXY Datasheet
79Kb / 1P
MINI-COM 6 POSITION EXECUTIVE SERIES FACEPLATE
CP24BLY PANDUIT-CP24BLY Datasheet
105Kb / 2P
Mini-Com All Metal Shielded Modular Patch Panels
CWPP12WBL PANDUIT-CWPP12WBL Datasheet
142Kb / 1P
Mini-Com 12-Port Modular Faceplate Patch Panels
CPPL24WBLY PANDUIT-CPPL24WBLY Datasheet
735Kb / 3P
Mini-Com짰 Modular Patch Panels with Faceplates
NKFP24Y PANDUIT-NKFP24Y Datasheet
106Kb / 1P
NETKEY 24 PORT MODULAR FACEPLATE PATCH PANEL
NKFP48Y PANDUIT-NKFP48Y Datasheet
115Kb / 1P
NETKEY 48 PORT MODULAR FACEPLATE PATCH PANEL
CFPE4XXY PANDUIT-CFPE4XXY Datasheet
80Kb / 1P
MINI-COM 4 POSITION EXECUTIVE SERIES VERTICAL FACEPLATE
4-26-06
CFPSL6XXY PANDUIT-CFPSL6XXY Datasheet
87Kb / 1P
MINI-COM 6 POSITION VERTIAL SLOPED FACEPLATE WITH LABEL/COVERS CUSTOMER DEAWING
3-11-06
CPPKL6ATG48WBL PANDUIT-CPPKL6ATG48WBL Datasheet
171Kb / 1P
MINI-COM 48 PORT TX6A 10 GIG MODULAR PATCH PANEL KIT
6-25-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com