Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503B-R-A Datasheet(PDF) 2 Page - Marktech Corporate

Part # C503B-R-A
Description  5-mm Red and Amber Round LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-R-A Datasheet(HTML) 2 Page - Marktech Corporate

  C503B-R-A_15 Datasheet HTML 1Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 2Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 3Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 4Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 5Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 6Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 7Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 8Page - Marktech Corporate C503B-R-A_15 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CLD-CT1079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red/Amber
Forward Current
I
F
50 Note1
mA
Peak Forward Current Note2
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
130
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max.260°Cfor3sec.max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note:
1. For long-term performance, the drive currents between 10 mA and 30 mA are recommended. Please contact a
Cree sales representative for more information on recommended drive conditions.
2. Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 20 mA
V
2.1
2.6
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
100
Dominant Wave-
length
Red
λ
D
I
F = 20 mA
nm
618
624
630
Amber
λ
D
I
F = 20 mA
nm
584
591
596
Luminous Intensity
Red
C503B-RAS/RAN (15 degree)
I
V
I
F = 20 mA
mcd
5860
12000
C503B-RBS/RBN (23 degree)
I
V
I
F = 20 mA
mcd
3000
5000
C503B-RCS/RCN (30 degree)
I
V
I
F = 20 mA
mcd
3000
5100
Amber
C503B-AAS/AAN (15 degree)
I
V
I
F = 20 mA
mcd
5860
13000
C503B-ABS/ABN (23 degree)
I
V
I
F = 20 mA
mcd
3000
5000
C503B-ACS/ACN (30 degree)
I
V
I
F = 20 mA
mcd
3000
5000
50% Power Angle
C503B-RAS/RAN/AAS/AAN
2θ½
I
F = 20 mA
deg
15
C503B-RBS/RBN/ABS/ABN
2θ½
I
F = 20 mA
deg
23
C503B-RCS/RCN/ACS/ACN
2θ½
I
F = 20 mA
deg
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com