Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1188R-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 2DB1188R-13
Description  32V PNP MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188R-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  2DB1188R-13 Datasheet HTML 1Page - Diodes Incorporated 2DB1188R-13 Datasheet HTML 2Page - Diodes Incorporated 2DB1188R-13 Datasheet HTML 3Page - Diodes Incorporated 2DB1188R-13 Datasheet HTML 4Page - Diodes Incorporated 2DB1188R-13 Datasheet HTML 5Page - Diodes Incorporated 2DB1188R-13 Datasheet HTML 6Page - Diodes Incorporated 2DB1188R-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2DB1188P/Q/R
Document number: DS31144 Rev. 7 - 2
5 of 7
www.diodes.com
February 2013
© Diodes Incorporated
2DB1188P/Q/R
0
0.2
0.4
0.6
0.8
1.0
1.2
0.0001
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Figure 5. Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
0.01
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Figure 6. Typical Output Capacitance Characteristics
0
10
20
30
40
50
60
f = 1MHz
0
20
40
60
80
100
120
140
0
1020
30 40
5060
70 80 90 100
I , Emitter Current (mA)
E
Figure 7. Typical Gain-Bandwidth Product vs. Emitter Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com