Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1386R-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 2DB1386R-13
Description  20V PNP MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1386R-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  2DB1386R-13 Datasheet HTML 1Page - Diodes Incorporated 2DB1386R-13 Datasheet HTML 2Page - Diodes Incorporated 2DB1386R-13 Datasheet HTML 3Page - Diodes Incorporated 2DB1386R-13 Datasheet HTML 4Page - Diodes Incorporated 2DB1386R-13 Datasheet HTML 5Page - Diodes Incorporated 2DB1386R-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2DB1386Q/R
Document number: DS31147 Rev. 7 - 2
5 of 6
www.diodes.com
February 2013
© Diodes Incorporated
2DB1386Q/R
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 Typ
H
3.94
4.25
H1
2.63
2.93
L
0.89
1.20
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
1.733
X2
0.416
Y
1.300
Y1
4.600
Y2
1.475
Y3
0.950
Y4
1.125
C
1.500
E
H
D1
B1
B
e
C
L
A
D
8° (4X)
H
1
R0
.20
0
Y1
X1
Y2
Y
C
X (3x)
Y3
Y4
X2 (2x)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com