Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1697 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DB1697
Description  2DB1697_15
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1697 Datasheet(HTML) 2 Page - Diodes Incorporated

  2DB1697_15 Datasheet HTML 1Page - Diodes Incorporated 2DB1697_15 Datasheet HTML 2Page - Diodes Incorporated 2DB1697_15 Datasheet HTML 3Page - Diodes Incorporated 2DB1697_15 Datasheet HTML 4Page - Diodes Incorporated 2DB1697_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2DB1697
Document number: DS31618 Rev. 3 - 2
2 of 5
www.diodes.com
April 2012
© Diodes Incorporated
2DB1697
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-4
A
Continuous Collector Current
IC
-2
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
0.9
W
Thermal Resistance, Junction to Ambient Air (Note 4)
RθJA
139
°C/W
Power Dissipation (Note 5)
PD
2
W
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-15
⎯
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 6)
V(BR)CEO
-12
⎯
⎯
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
⎯
⎯
V
IE = -100μA, IC = 0
Collector Cut-Off Current
ICBO
⎯
⎯
-0.1
μA
VCB = -15V, IE = 0
Emitter Cut-Off Current
IEBO
⎯
⎯
-0.1
μA
VEB = -6V, IC = 0
ON CHARACTERISTICS (Note 6)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-65
-180
mV
IC = -1A, IB = -50mA
DC Current Gain
hFE
270
⎯
680
⎯
VCE = -2V, IC = -200mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
40
⎯
pF
VCB = -10V, IE = 0,
f = 1MHz
Current Gain-Bandwidth Product
fT
⎯
140
⎯
MHz
VCE = -2V, IC = -100mA,
f = 100MHz
Notes:
4. Device mounted on FR-4 PCB with minimum recommended pad layout.
5. Device mounted on FR-4 PCB with 1 inch
2 copper pad layout.
6. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com