Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC8143FSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC8143FSW
Description  Improved Industry Standard Serial 12-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC8143FSW Datasheet(HTML) 7 Page - Linear Technology

  LTC8143FSW Datasheet HTML 1Page - Linear Technology LTC8143FSW Datasheet HTML 2Page - Linear Technology LTC8143FSW Datasheet HTML 3Page - Linear Technology LTC8143FSW Datasheet HTML 4Page - Linear Technology LTC8143FSW Datasheet HTML 5Page - Linear Technology LTC8143FSW Datasheet HTML 6Page - Linear Technology LTC8143FSW Datasheet HTML 7Page - Linear Technology LTC8143FSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC7543/LTC8143
TYPICAL APPLICATIONS
VDD
VREF
LTC7543
LTC8143
RFB
R1
10k
R3
20k
R2
20k
AGND
DGND
3
12
2
14
5V
VREF
–10V TO 10V
15
16
1
OUT 1
0.1
µF
(LOGIC INPUTS
OMITTED FOR
CLARITY)
VOUT
7543/8143 TA04
OUT 2
1/2
LT1112
33pF
1/2
LT 1112
Bipolar Operation (4-Quadrant Multiplication)
DIGITAL INPUT
BINARY NUMBER IN
ANALOG OUTPUT
DAC REGISTER
VOUT
MSB
LSB
1111
1111
1111
VREF (2047/2048)
1000
0000
0001
VREF (1/2048)
1000
0000
0000
0V
0111
1111
1111
– VREF (1/2048)
0000
0000
0000
– VREF (2048/2048) = – VREF
Bipolar Offset Binary Code Table
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com