Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS40LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS40LP_15 Datasheet HTML 1Page - Diodes Incorporated BAS40LP_15 Datasheet HTML 2Page - Diodes Incorporated BAS40LP_15 Datasheet HTML 3Page - Diodes Incorporated BAS40LP_15 Datasheet HTML 4Page - Diodes Incorporated BAS40LP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS40LP
Document number: DS30503 Rev. 13 - 2
2 of 5
www.diodes.com
November 2013
© Diodes Incorporated
BAS40LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IFM
200
mA
Repetitive Peak Forward Current (note 6)
IFRM
800
mA
Non-Repetitive Peak Forward Surge Current @ tp = 1.0s (note 7)
IFSM
1000
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
250
mW
Thermal Resistance, Junction to Ambient Air
RθJA
400
C/W
Operating Temperature Range
TJ
-55 to +125
C
Storage Temperature Range
TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
40
—
—
V
IR = 10μA
Forward Voltage (Note 3)
VF
—
—
380
1000
mV
tp < 300μs, IF = 1.0mA
tp < 300μs, IF = 40mA
Reverse Leakage Current (Note 5)
IR
—
20
200
nA
tp < 300μs, VR = 30V
Total Capacitance
CT
—
2.3
5.0
pF
VR = 0V, f =1.0MHz
Reverse Recovery Time
trr
—
—
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL = 100Ω
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Repetitive peak forward current was tested with with tp ≤1s and ∂ ≤ 0.8 square wave
7. Non-repetitive peak forward current was tested with tp=1s square wave
0.01
0.1
1
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Voltage
F
0.1
1
10
100
1,000
10,000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com