Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH119 Datasheet(PDF) 7 Page - Linear Technology

Part # RH119
Description  Quad Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH119 Datasheet(HTML) 7 Page - Linear Technology

  RH119 Datasheet HTML 1Page - Linear Technology RH119 Datasheet HTML 2Page - Linear Technology RH119 Datasheet HTML 3Page - Linear Technology RH119 Datasheet HTML 4Page - Linear Technology RH119 Datasheet HTML 5Page - Linear Technology RH119 Datasheet HTML 6Page - Linear Technology RH119 Datasheet HTML 7Page - Linear Technology RH119 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
RH1014M
PACKAGE
DEVICE
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
OPTIONS
RH07
VOS
90
150
200
250
300
µV
J8, H
IOS
2.8
4
8
12
20
nA
RH27C
VOS
100
130
180
280
400
µV
H, W
IOS
75
75
90
120
180
nA
RH37C
VOS
100
130
180
280
400
µV
H, W
IOS
75
75
90
120
180
nA
RH101A
VOS
222
23
mV
H, W
IOS
10
10
10
10
20
nA
RH108A
VOS
0.5
0.5
0.5
1.0
mV
H, W
IOS
0.2
0.2
0.2
0.2
nA
RH117
VREF
3V (V IN – VOUT) 40V
1.20
1.30
1.20
1.30
1.20
1.30
1.20
1.30
V
H, K
10mA I OUT I MAX, P P MAX
RH118
VOS
4
4
4
4
10
mV
H, W
SR
VS = ±15V, AV = 1
50
50
50
50
50
V/µs
RH119
VOS
4
4
4
4
8
mV
H, J, W
IOS
75
100
150
300
500
nA
RH129
VZ
6.7
7.2
6.7
7.2
6.7
7.2
6.7
7.2
6.7
7.2
V
H
V Z/ TEMP
RH129A
10
10
10
15
20
ppm/°C
RH129B
20
20
20
25
30
ppm/°C
RH129C
50
50
50
55
60
ppm/°C
RH137
VREF
VIN – VOUT 5V, I OUT = 10mA –1.225 –1.275 –1.225 –1.275 –1.225 –1.275
–1.225 –1.275 –1.22
–1.23
V
K, H
3V
VIN – VOUT 40 V
–1.2
–1.3
–1.2
–1.3
–1.2
–1.3
–1.2
–1.3
–1.2
–1.3
V
10mA I OUT I MAX, P P MAX
RH1009
VZ
2.495
2.505 2.495
2.505 2.495
2.505
2.495
2.505 2.495
2.505
V
H
V Z/I Z
6
6
8
10
12
mV
RH1011
VOS
1.5
1.5
1.5
1.5
2
mV
H, J8, W
IOS
4
4
4
20
50
nA
RH1013
VOS
450
450
600
750
900
µV
H, J8, W
IOS
10
10
15
20
25
nA
RH1014
VOS
450
450
600
750
900
µV
J, W
IOS
10
10
15
20
25
nA
RH1021-5
VOUT
RH1021CM-5
4.9975 5.0025 4.995
5.005 4.993
5.007
4.9925 5.008
4.99
5.01
V
H
RH1021BM-5, DM-5
4.95
5.05
4.945
5.055 4.942
5.058
4.94
5.06
4.935
5.065
V
TCVOUT
RH1021BM-5
5
5
5
7
10
ppm/°C
RH1021CM-5, DM-5
20
20
20
22
25
ppm/°C
RH1021-7
VOUT
6.95
7.05
6.95
7.05
6.95
7.05
6.94
7.06
6.93
7.07
V
H
TCVOUT
RH1021BM-7
5
5
5
7
10
ppm/°C
RH1021DM-7
20
20
20
22
25
ppm/°C
RH1021-10
VOUT
RH1021CM-10
9.995 10.005 9.99
10.01 9.987 10.013
9.985 10.015 9.98
10.02
V
H
RH1021BM-10, DM-10
9.95
10.05 9.945 10.055 9.942
10.06
9.98
10.06 9.935 10.065
V
TCVOUT
RH1021BM-10
5
5
5
7
10
ppm/°C
RH1021CM-10, DM-10
20
20
20
22
25
ppm/°C
RH1056A
VOS
180
180
250
450
450
µV
H, W
IOS
±10
± 50
±150
± 250
± 350
pA
RH1078
VOS
350
500
650
75k
800
1000
µV
H, J8, W
IOS
2
18
13
75k
18
23
nA
J, W
RH1086
VREF
IOUT = 10mA
1.258
1.257
1.253
1.247
1.241
V
H, K
10mA
≤ IOUT ≤ IFULL LOAD
1.5V
≤ (VIN – VOUT) ≤ 15V
1.271
1.269
1.265
1.260
1.253
V
Dropout V
∆VREF = 1%, IOUT = 1.5A (K)
∆VREF = 1%, IOUT = 0.5A (H)
1.5
1.51
1.52
1.55
1.575
V
Rad Hard
This table provides example specifications for our Rad Hard products. For complete Rad Hard data sheets, contact 1-800-4-LINEAR.
10Krad (Si)
20Krad (Si)
50Krad (Si)
80Krad (Si)
100Krad (Si)
200Krad (Si)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com