Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH117 Datasheet(PDF) 3 Page - Linear Technology

Part # RH117
Description  Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH117 Datasheet(HTML) 3 Page - Linear Technology

  RH117 Datasheet HTML 1Page - Linear Technology RH117 Datasheet HTML 2Page - Linear Technology RH117 Datasheet HTML 3Page - Linear Technology RH117 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RH117
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IADJ
Adjust Pin Current
100
100
100
100
µA
I ADJ
Adjust Pin Current
10mA I OUT I MAX
55
5
5
µA
Change
2.5V (V IN – VOUT ) 40V,
5
5
5
5
µA
IOUT = 10mA
IMIN
Minimum Load
(VIN – VOUT ) = 40V
5
5
5
5
mA
Current
Current Limit
(VIN – VOUT ) 15V
H Package
0.5
0.5
0.5
0.5
A
K Package
1.5
1.5
1.5
1.5
A
(VIN – VOUT ) = 40V
H Package
0.15
0.15
0.15
0.15
A
K Package
0.30
0.30
0.30
0.30
A
100KRAD(Si)
50KRAD(Si)
20KRAD(Si)
10KRAD(Si)
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) (Note 5)
Note 1: Unless otherwise specified, these specifications apply for
VIN – VOUT = 5V; and IOUT = 0.1A for the H package (TO-39) and
IOUT = 0.5A for the K package (TO-3) package. Although power dissipation
is internally limited, these specifications are applicable for power
dissipations of 2W for the TO-39 and 20W for the TO-3. IMAX is 0.5A for
the TO-39 and 1.5A for the TO-3.
Note 2: Regulation is measured at a constant junction temperature using
pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 3: Guaranteed by design, characterization or correlation to other
tested parameters.
Note 4: TJ = 25°C unless otherwise noted.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TOTAL DOSE BIAS CIRCUIT
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3
Group A Test Requirements (Method 5005)
1,2,3
Group C and D End Point Electrical Parameters
1
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup
1, after burn-in divided by the total number of devices submitted for burn-
in in that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TABLE 2: ELECTRICAL TEST REQUIRE E TS
RH117
VIN
2k
61.9
Ω
0.1
µF
ADJ
–15V
RH117 TA01
OUTPUT
15V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com