Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAP8WST Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FAP8WST
Description  ST Opticom Fiber Adapter Panels Opticom Multimedia Modular Panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FAP8WST Datasheet(HTML) 1 Page - PANDUIT CORP.

  FAP8WST Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SOLUTIONS
Opticom® Multimedia Modular Panel (FMP)
• Allows customization of installation for multimedia
applications requiring integration of fiber optic and
copper cables
• Snaps quickly into the front of all Opticom® components
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
FMP6
Unloaded panel accepts up to six Mini-Com® Modules for UTP, fiber
optic, and audio/video applications.
1
10
Opticom® Blank Fiber Adapter Panel (FAP)
• Reserves fiber adapter panel space for future use
• Snaps quickly into the front of all Opticom® components
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
FAPB
Blank fiber adapter panel – reserves space for future use.
1
10
ST Opticom® Fiber Adapter Panels (FAPs)
• Loaded with TIA/EIA-604 FOCIS-2 compatible adapters
• Exceed TIA/EIA-568-B.3 requirements
• Snap quickly into the front of all Opticom ® components
• Choice of phosphor bronze or zirconia ceramic split
sleeves to fit specific network requirements; zirconia
ceramic split sleeves are recommended for OM3
multimode and OS1/OS2 singlemode applications
• ST adapters are also available in Mini-Com ® Modules on
pages C.36 – C.38, or separately on page C.31 to provide
a complete ST system solution
FAP6WSTZ
FAP6WSTA
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
FAP6WSTZ
ST FAP loaded with six ST simplex singlemode fiber optic adapters
with zirconia ceramic split sleeves.
1
10
FAP8WSTZ
ST FAP loaded with eight ST simplex singlemode fiber optic
adapters with zirconia ceramic split sleeves.
1
10
FAP6WST
ST FAP loaded with six ST simplex multimode fiber optic adapters
with phosphor bronze split sleeves.
1
10
FAP6WSTA
ST FAP (angled) loaded with six ST simplex multimode fiber optic
adapters with phosphor bronze split sleeves.
1
10
FAP8WST
ST FAP loaded with eight ST simplex multimode fiber optic adapters
with phosphor bronze split sleeves.
1
10


Similar Part No. - FAP8WST

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FAP8WSPEDLCZ PANDUIT-FAP8WSPEDLCZ Datasheet
145Kb / 3P
Opticom짰 Fiber Adapter Panels (FAPs)
More results

Similar Description - FAP8WST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
PANDUIT CORP.
CFAPPBL1 PANDUIT-CFAPPBL1 Datasheet
77Kb / 1P
1 RACK UNIT - FIBER ADAPTER PATCH PANEL
CFAPPBL2 PANDUIT-CFAPPBL2 Datasheet
85Kb / 1P
2 RACK UNIT - FIBER ADAPTER PATCH PANEL
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
ST Mini-Com짰 Fiber Optic Adapter Modules
F9E10-10M3Y PANDUIT-F9E10-10M3Y Datasheet
315Kb / 2P
Opticom QuickNet Rack Mount Fiber Cassette Enclosures
logo
Tripp Lite. All Rights ...
N490016STST TRIPPLITE-N490016STST Datasheet
465Kb / 2P
16-Port Fiber Patch Panel, 1U (ST-ST)
logo
PANDUIT CORP.
FOSMF PANDUIT-FOSMF Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
logo
Tripp Lite. All Rights ...
N492-08S-ST TRIPPLITE-N492-08S-ST Datasheet
162Kb / 2P
High-Density Fiber Adapter Panel (MMF/SMF), 8 ST Simplex Connectors, Black
logo
PANDUIT CORP.
FAP6WAGSCZ PANDUIT-FAP6WAGSCZ Datasheet
145Kb / 3P
Opticom짰 Fiber Adapter Panels (FAPs)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com