Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOSMH1U Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FOSMH1U
Description  Opticom Splice Modules, Trays, and Holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FOSMH1U Datasheet(HTML) 1 Page - PANDUIT CORP.

  FOSMH1U Datasheet HTML 1Page - PANDUIT CORP. FOSMH1U Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
FST24
FSC24
Opticom ® Splice Modules, Trays, and Holders
FSTK
FST6
FOSMF
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Fiber Optic Splice Modules
FOSMF
Fiber optic splice module holds and protects up to 24 fusion splices.
Self-stacking modules with integral cable management and fiber
slacking/spooling features. Black plastic base and clear plastic hinged
cover. For use with Panduit Opticom ® FCE*U, FRME*U, and FMT
series enclosures.
Dimensions: 0.30"H x 14.03"W x 5.28"D
(7.6mm x 356.4mm x 134.1mm)
1
10
FOSMM
Fiber optic splice module holds and protects up to 12 mechanical
splices. Self-stacking modules with integral cable management and fiber
slacking/spooling features. Black plastic base and clear plastic hinged
cover. For use with Panduit Opticom ® FCE*U, FRME*U, and FMT
series enclosures.
Dimensions: 0.30"H x 14.03"W x 5.28"D
(7.6mm x 356.4mm x 134.1mm)
1
10
FOSMH1U
Fiber optic splice module holder, 1 RU. Holds up to four FOSM splice
modules. For use with FCE1U or FCE1UA fiber cassette enclosure.
Dimensions: 1.41"H x 0.72"W x 2.61"D (35.9mm x 18.3mm x 66.4mm)
1
10
FOSMH2U
Fiber optic splice module handler, 2 RU. Holds up to eight FOSM splice
modules. For use with FCE2U fiber cassette enclosure.
Dimensions: 2.91"H x 0.72"W x 2.61"D (74.0mm x 18.3mm x 66.4mm)
1
10
FOSMH4U
Fiber optic splice module holder, 4 RU. Holds up to twelve FOSM splice
modules. For use with FCE4U fiber cassette enclosure.
Dimensions: 5.50"H x10.42"W x 5.41"D
(139.7mm x 264.7mm x 137.4mm)
1
0
Metal Splice Tray and Holder – 24-Splice Increment
FST24
Fiber splice tray kit for up to 24 mechanical or fusion splices or 144
ribbon fusion splices. Fits in Panduit FRME3 and FRME4 rack mount
enclosures. Stacks up to three high using FST24H3 stacking unit.
Dimensions: 0.37"H x 4.38"W x 11.75"L
(9.4mm x 111.3mm x 298.5mm)
1
10
FST24H3
Stacking holder for FST24 fiber splice tray with built in fiber spooling.
Holds and secures one to three splice trays with Panduit ® Tak-Ty ®
Cable Ties. Mounting hardware included. For use with FRME3 and
FRME4 rack mount enclosures.
Dimensions: 2.07"H x 4.56"W x 11.61"L
(52.6mm x 115.8mm x 294.9mm)
1
10
Metal Splice Tray and Holder – 12-Splice Increment
FST6
Fiber splice tray kit for up to twelve mechanical or fusion splices. Fits in
Panduit FMT, FWME4, and FWME8 series enclosures. Stack up to four
high using FSTHE stacking unit in rack mount enclosures or using
FST6H4 stacking unit in wall mount enclosures.
Dimensions: 0.40"H x 4.42"W x 7.90"L (10.2mm x 112.3mm x 200.7mm)
1
10
FSTHE
Stacking holder for FST6 fiber splice tray. Holds and secures one to four
splice trays (FST6) with Panduit ® Tak-Ty ® Cable Ties. Mount with
included adhesive strips or mounting screws.
Dimensions: 1.75"H x 4.56"W x 8.06"L (44.5mm x 115.8mm x 204.7mm)
1
10
Metal Splice Tray and Holder – 6-Splice Increment
FSTK
Fiber splice tray kit for up to six mechanical or fusion splices. Stack up
to two high using FSTHS stacking holder. For use in FWME2 wall
mount enclosure.
Dimensions: 0.40"H x 3.40"W x 6.60"L (10.2mm x 86.4mm x 167.6mm)
1
10
FSTHS
Stacking holder for FSTK fiber splice tray with built-in fiber spooling.
Holds and secures one/two splice tray(s) with Panduit ® Tak-Ty ® Cable
Ties. Mount with existing enclosure hardware. For use in FWME2 wall
mount enclosure.
Dimensions: 1.62"H x 3.50"W x 6.50"L (41.1mm x 88.9mm x 167.6mm)
1
10
Fiber Splice Chip
FSC24
Accommodates and protects up to 24 fusion splices. Comes with label,
clear cover, and adhesive mount. For use with any Panduit ®
Opticom ® Enclosure.
Dimensions: 0.50"H x 3.12"W x 2.47"D (12.7mm x 79.4mm x 62.7mm)
1
10


Similar Part No. - FOSMH1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FOS008 ETC2-FOS008 Datasheet
408Kb / 2P
High Port Count
logo
Advantech Co., Ltd.
FOSTCDRI ADVANTECH-FOSTCDRI Datasheet
437Kb / 2P
Industrial Serial to Fiber Optic Converters
FOSTCDRI-INV ADVANTECH-FOSTCDRI-INV Datasheet
437Kb / 2P
Industrial Serial to Fiber Optic Converters
FOSTCDRI-PH-MC ADVANTECH-FOSTCDRI-PH-MC Datasheet
520Kb / 2P
Heavy Industrial Serial to Fiber Optic Converters
More results

Similar Description - FOSMH1U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
571 LITTELFUSE-571 Datasheet
529Kb / 1P
Fuse Blocks, Holders and Accessories
logo
Advanced Analogic Techn...
LPSJ30-1 ANALOGICTECH-LPSJ30-1 Datasheet
73Kb / 1P
Fuse Blocks, Holders and Accessories
logo
Littelfuse
L60030C-1C LITTELFUSE-L60030C-1C_06 Datasheet
166Kb / 2P
Blocks and Holders
LPHV001 LITTELFUSE-LPHV001 Datasheet
148Kb / 1P
Blocks and Holders
logo
MolexKits
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
Dialight Corporation
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
20mm LENSES AND HOLDERS
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
20mm LENSES AND HOLDERS
logo
List of Unclassifed Man...
KH-15 ETC2-KH-15 Datasheet
190Kb / 1P
Additional Support and Holders
logo
PANDUIT CORP.
FAP6WSTZ PANDUIT-FAP6WSTZ Datasheet
252Kb / 1P
ST Opticom Fiber Adapter Panels Opticom Multimedia Modular Panel
logo
TE Connectivity Ltd
408-1632 TEC-408-1632 Datasheet
435Kb / 11P
Terminal and Splice
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com