Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTMABL Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FSTMABL
Description  ST Fiber Optic Connectors ??Field Polish Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FSTMABL Datasheet(HTML) 1 Page - PANDUIT CORP.

  FSTMABL Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
ST Fiber Optic Connectors – Field Polish Termination
• TIA/EIA-604 FOCIS-2 compatible connectors
• Exceed TIA/EIA-568-B.3 requirements
• Insertion loss: 0.15dB average (multimode), 0.20dB
average (singlemode)
• Return loss: >20dB (multimode), >40dB (singlemode)
• Each connector includes metal connector body/ferrule
assembly, spring, metal bayonet, crimp sleeve, one boot
for 900μm buffered fiber, one boot for 3mm jacketed
cable, and one dust cap
• Fiber cable type: tight-buffered recommended
• Fiber cable size: accept 3.0mm jacketed cable or 900μm
buffered fiber
• For 250μm coated fiber termination, use 250 micron fiber
build-up tube kit or fan-out kits on pages C.27 – C.28
• Ferrule type: 2.5mm zirconia ceramic (highest durability
for repeated matings)
• Field polish termination – Panduit recommends
anaerobic adhesive on pages C.103, C.104
• Use field polish termination kit (FIELDKIT) on pages
C.103, C.104
of SA-NCCB51
Part Number
Part Description
Color
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
ST Multimode Fiber Optic Connectors
FSTMABL
ST multimode simplex fiber optic connector for 3.0mm
jacketed cable or 900μm buffered fiber installation.
Black
1
10
FSTMARD
Red
1
10
ST Singlemode Fiber Optic Connector
FSTSABU
ST singlemode simplex fiber optic connector for 3.0mm
jacketed cable or 900μm buffered fiber installation.
Blue
1
10
FSTMABL
FSTMARD
FSTSABU
250 Micron Fiber Build-Up Tube Kit
• Includes 100 build-up tubes and supplemental instructions
for terminating Panduit field polish, Opti-Crimp®
, or
OptiCam® Fiber Optic Connectors onto 250μm
coated fiber
• Used with 900μm boots included with connectors and the
current fiber optic termination kit
Part Number
Part Description
Std.
Pkg.
Qty.
F250BT-C
250 micron fiber build-up tube kit; includes 100 build-up tubes and
supplemental installation instructions.
100


Similar Part No. - FSTMABL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSTMM50BL PANDUIT-FSTMM50BL Datasheet
268Kb / 2P
ST* OPTI-CRIMP 짰 Fiber Optic Connector ??Pre-polished Crimp
07/2003
FSTMM50RD PANDUIT-FSTMM50RD Datasheet
268Kb / 2P
ST* OPTI-CRIMP 짰 Fiber Optic Connector ??Pre-polished Crimp
07/2003
FSTMMBL PANDUIT-FSTMMBL Datasheet
268Kb / 2P
ST* OPTI-CRIMP 짰 Fiber Optic Connector ??Pre-polished Crimp
07/2003
FSTMMRD PANDUIT-FSTMMRD Datasheet
268Kb / 2P
ST* OPTI-CRIMP 짰 Fiber Optic Connector ??Pre-polished Crimp
07/2003
More results

Similar Description - FSTMABL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
187-017 GLENAIR-187-017 Datasheet
788Kb / 2P
Glenair Fiber Optic Termination Kit
187-018 GLENAIR-187-018 Datasheet
217Kb / 1P
Glenair Fiber Optic Termination Kit
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
SC Fiber Optic Connectors
FLCSMCXAQY PANDUIT-FLCSMCXAQY Datasheet
142Kb / 3P
LC Fiber Optic Connectors . Field Polish Termination
logo
Winchester Electronics ...
776G-776-00001N WINCHESTER-776G-776-00001N Datasheet
1Mb / 9P
FIBER OPTIC JACK FIELD 32 POSITION
7767-776-00005N WINCHESTER-7767-776-00005N Datasheet
1Mb / 9P
FIBER OPTIC JACK FIELD 32 POSITION
7767-776-00006N WINCHESTER-7767-776-00006N Datasheet
1Mb / 9P
FIBER OPTIC JACK FIELD 32 POSITION
7769-776-00002Z WINCHESTER-7769-776-00002Z Datasheet
1Mb / 9P
FIBER OPTIC JACK FIELD 32 POSITION
7769-776-00005Z WINCHESTER-7769-776-00005Z Datasheet
1Mb / 9P
FIBER OPTIC JACK FIELD 32 POSITION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com